Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68701 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M68701
Description  SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM PORTABLE RADIO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M68701 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M68701 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M68701 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M68701 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM PORTABLE RADIO
M68701
MITSUBISHI RF POWER MODULE
Nov. ´97
OUTPUT POWER, TOTAL EFFICIENCY
VS. DRAIN SUPPLY VOLTAGE
DRAIN SUPPLY VOLTAGE VDD (V)
90
70
30
0
4
6
18
50
10
18
12
8
4
0
ηT
PO
16
8
10
12
16
10
6
2
14
60
20
40
80
14
f=851MHz
VGG=5V
Pin=1mW
ZG=ZL=50


Similar Part No. - M68701

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68701H MITSUBISHI-M68701H Datasheet
133Kb / 3P
   Silicon MOS FET Power Amplifier, 890-960MHz 6W FM /Digital Mobile
M68701M MITSUBISHI-M68701M Datasheet
142Kb / 3P
   Silicon MOS FET Power Amplifier, 860-915MHz 6W FM /Digital Mobile
More results

Similar Description - M68701

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68761 MITSUBISHI-M68761 Datasheet
39Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 820-851MHz, 6W, FM MOBILE RADIO
M67766B MITSUBISHI-M67766B Datasheet
205Kb / 5P
   820-851MHz, 12.5V, 6W, FM MOBILE RADIO
M67799UHA MITSUBISHI-M67799UHA Datasheet
14Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 470-490MHz, 7W, FM PORTABLE RADIO
M68732H MITSUBISHI-M68732H Datasheet
26Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 450-470MHz, 7W, FM PORTABLE RADIO
M68710TL MITSUBISHI-M68710TL Datasheet
14Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 330-360MHz, 2W, FM PORTABLE RADIO
M68732UL MITSUBISHI-M68732UL Datasheet
11Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 380-400MHz, 7W, FM PORTABLE RADIO
M68732EH MITSUBISHI-M68732EH Datasheet
30Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 520-530MHz, 6.5W, FM PORTABLE RADIO
M68757L MITSUBISHI-M68757L Datasheet
29Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 806-870MHz, 3W, FM PORTABLE RADIO
M68731H MITSUBISHI-M68731H Datasheet
28Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 150-175MHz, 7W, FM PORTABLE RADIO
M68757H MITSUBISHI-M68757H Datasheet
29Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 896-941MHz, 3W FM PORTABLE RADIO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com