Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PZT5551 Datasheet(PDF) 2 Page - Weitron Technology

Part No. PZT5551
Description  NPN Silicon Planar Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

PZT5551 Datasheet(HTML) 2 Page - Weitron Technology

  PZT5551 Datasheet HTML 1Page - Weitron Technology PZT5551 Datasheet HTML 2Page - Weitron Technology PZT5551 Datasheet HTML 3Page - Weitron Technology PZT5551 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
http://www.weitron.com.tw
2 /4
05-Jul-05
PZT5551
Characteristics
Symbol
Min
Max
Typ
Unit
Current-Gain
(VCE = 10V, IC = 10mA, f = 100MHz)
Output Capacitance
(VCB = 10V, IE = 0, f = 1MHz)
Cob
-
-
pF
6
fT
100
-
MHz
300
Rank
A
N
C
CLASSIFICATION OF hFE2
Range
80 - 200
160 - 400
100 - 250
DYNAMIC CHARACTERISTICS
ON CHARACTERISTICS
DC Current Gain
(VCE = 5V, IC = 1mA)
(VCE = 5V, IC = 10mA)
(VCE = 5V, IC = 50mA)
Base-Emitter Saturation Voltages
(IC = 10mA, IB = 1mA)
(IC = 50mA, IB = 5mA)
Collector-Emitter Saturation Voltages
(IC = 10mA, IB = 1mA)
(IC = 50mA, IB = 5mA)
VBE(sat)
-
-
V
1
VCE(sat)
-
-
V
0.15
-
-
V
0.2
hFE1
hFE2
hFE3
80
-
-
80
160
-
400
50
-
-


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn