Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PZT5551 Datasheet(PDF) 1 Page - Weitron Technology

Part No. PZT5551
Description  NPN Silicon Planar Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo 

PZT5551 Datasheet(HTML) 1 Page - Weitron Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Value
Unit
Rating
PZT5551
SOT-223
Tstg
PD
˚C
˚C
WEITRON
http://www.weitron.com.tw
NPN Silicon Planar Epitaxial Transistor
(TA=25˚C)
W
Junction Temperature
Tj
150
Storage, Temperature
-55 to +150
Device Marking
PZT5551=5551
3.EMITTER
2.COLLECTOR
1.BASE
Total Device Disspation
1.5
4.COLLECTOR
1
2
3
4
BASE
1
COLLECTOR
2,4
3
EMITTER
160
180
6
600
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Collector Current (DC)
V
V
V
mA
VCEO
VCBO
VEBO
IC
1/4
05-Jul-05
Characteristics
Symbol Min
Max
Typ
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage
Collector-Base Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Emitter Cutoff Current
Emitter-Base Cutoff Current
V(BR)CEO
V(BR)CBO
V(BR)EBO
I
CBO
IEBO
6
-
-
-
-
-
-
-
-
V
V
V
nA
160
180
50
-
nA
50
-
(VEB=4V,IC=0)
(IC=1mA,IB=0)
(VCB =120V,IE=0)
(IE=10 µA,IC=0)
(IC=100µA,IE=0)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn