Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5245B Datasheet(PDF) 5 Page - Weitron Technology

Part # MMSZ5245B
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMSZ5245B Datasheet(HTML) 5 Page - Weitron Technology

  MMSZ5245B Datasheet HTML 1Page - Weitron Technology MMSZ5245B Datasheet HTML 2Page - Weitron Technology MMSZ5245B Datasheet HTML 3Page - Weitron Technology MMSZ5245B Datasheet HTML 4Page - Weitron Technology MMSZ5245B Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MMSZ5221B Series
WEITRON
http://www.weitron.com.tw
T Y P IC A L C HA R A C T E R IS T IC S
100
VZ, NOMINAL ZE NE R VOLTAG E (V)
F igure 7. Typical C apacitance
1000
100
10
1
10
1
B IAS AT
50% OF V Z NOM
TA = 25 C
0 V B IAS
1 V B IAS
12
VZ, ZE NE R VOLTAG E (V)
100
10
1
0.1
0.01
10
8
6
4
2
0
TA = 25 C
V Z, ZE NE R VOLTAG E (V)
100
10
1
0.1
0.01
10
30
50
70
90
TA = 25 C
90
V Z, NOMINAL ZE NE R VOLTAG E (V)
F igure 8. Typical L eakage C urrent
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150 C
+ 25 C
- 55 C
F igure 9. Zener Voltage vers us Zener C urrent
(V Z Up to 12 V)
F igure 10. Zener Voltage vers us Zener C urrent
(12 V to 91 V )


Similar Part No. - MMSZ5245B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5245B PANJIT-MMSZ5245B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5245B CHENDA-MMSZ5245B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
MMSZ5245B BILIN-MMSZ5245B Datasheet
142Kb / 4P
   Surface mount zener diode
logo
Diotec Semiconductor
MMSZ5245B DIOTEC-MMSZ5245B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5245B TSC-MMSZ5245B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5245B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com