Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F30244D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # N74F30244D
Description  Octal 30ohm line driver with enable, non-inverting open collector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F30244D Datasheet(HTML) 3 Page - NXP Semiconductors

  N74F30244D Datasheet HTML 1Page - NXP Semiconductors N74F30244D Datasheet HTML 2Page - NXP Semiconductors N74F30244D Datasheet HTML 3Page - NXP Semiconductors N74F30244D Datasheet HTML 4Page - NXP Semiconductors N74F30244D Datasheet HTML 5Page - NXP Semiconductors N74F30244D Datasheet HTML 6Page - NXP Semiconductors N74F30244D Datasheet HTML 7Page - NXP Semiconductors N74F30244D Datasheet HTML 8Page - NXP Semiconductors N74F30244D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F30240*, 74F30244
30
Ω line drivers
1999 Jan 08
3
* Discontinued part. Please see the Discontinued Products List.
PIN CONFIGURATION – 74F30240
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Q0
Q1
Q2
Q3
GND
GND
GND
GND
Q4
Q5
Q6
D0
D1
D2
D3
OE0
VCC
VCC
D4
OE1
D5
D6
D7
Q7
SF01387
PIN CONFIGURATION – 74F30244
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Q0
Q1
Q2
Q3
GND
GND
GND
GND
Q4
Q5
Q6
D0
D1
D2
D3
OE0
VCC
VCC
D4
OE1
D5
D6
D7
Q7
SF01388
LOGIC SYMBOL – 74F30240
D0 D1 D2 D3 D4 D5 D6 D7
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
20
OE0
17
OE1
24
23
22
21
16
15
14
13
12349
10
11
12
VCC = PIN 18, 19
GND = PIN 5, 6, 7, 8
SF01389
LOGIC SYMBOL – 74F30244
D0 D1 D2 D3 D4 D5 D6 D7
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
20
OE0
17
OE1
24
23
22
21
16
15
14
13
12349
10
11
12
VCC = PIN 18, 19
GND = PIN 5, 6, 7, 8
SF01390
IEC/IEEE SYMBOL – 74F30240
1
24
2
23
3
22
4
21
9
16
10
15
11
14
12
13
1
20
17
EN1
EN2
SF01391
IEC/IEEE SYMBOL – 74F30244
1
24
2
23
3
22
4
21
9
16
10
15
11
14
12
13
1
20
17
EN1
EN2
SF01392


Similar Part No. - N74F30244D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F3037D PHILIPS-N74F3037D Datasheet
71Kb / 8P
   Quad 2-input NAND 30ohm driver
1990 Feb 09
N74F3037N PHILIPS-N74F3037N Datasheet
71Kb / 8P
   Quad 2-input NAND 30ohm driver
1990 Feb 09
N74F3038D PHILIPS-N74F3038D Datasheet
72Kb / 8P
   Quad 2-input NAND 30 ohm line driver open collector
1998 May 21
N74F3038N PHILIPS-N74F3038N Datasheet
72Kb / 8P
   Quad 2-input NAND 30 ohm line driver open collector
1998 May 21
N74F3040D PHILIPS-N74F3040D Datasheet
71Kb / 8P
   Dual 4-input NAND 30 ohm line driver
1990 Jan 29
More results

Similar Description - N74F30244D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F647 PHILIPS-74F647 Datasheet
115Kb / 12P
   Octal transceiver/register, non-inverting open-collector
1992 Feb 28
74F621 PHILIPS-74F621 Datasheet
77Kb / 10P
   Octal bus transceiver, non-inverting open collector
1996 Jan 05
logo
Fairchild Semiconductor
DM74ALS1035 FAIRCHILD-DM74ALS1035 Datasheet
45Kb / 4P
   Hex Non-Inverting Driver with Open Collector Outputs
DM74ALS1035MX FAIRCHILD-DM74ALS1035MX Datasheet
49Kb / 4P
   Hex Non-Inverting Driver with Open Collector Outputs
DM74ALS1005 FAIRCHILD-DM74ALS1005 Datasheet
48Kb / 4P
   Hex Inverting Driver with Open Collector Outputs
logo
NXP Semiconductors
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
logo
Fairchild Semiconductor
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
logo
Texas Instruments
SN74BCT757 TI-SN74BCT757 Datasheet
68Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com