Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA05 Datasheet(PDF) 1 Page - Weitron Technology

Part # MMBTA05
Description  Driver NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTA05 Datasheet(HTML) 1 Page - Weitron Technology

  MMBTA05 Datasheet HTML 1Page - Weitron Technology MMBTA05 Datasheet HTML 2Page - Weitron Technology MMBTA05 Datasheet HTML 3Page - Weitron Technology MMBTA05 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.weitron.com.tw
WEITRON
SOT-23
1
2
3
MMBTA05
VCEO
u
MMBTA05
MMBTA06
60
60
4.0
80
80
4.0
MMBTA05=1H, MMBTA06=1GM
MMBTA05
MMBTA06
MMBTA05
MMBTA06
MMBTA05
MMBTA06
(3)
0
0
I
=0)
B
60
80
60
80
4.0
S
0.1
u
0.1
0.1
6
8
3.Pulse Test:Pulse Width 300us, Duty Cycle 2.0%
4. f
is defined as the freguency at which hfeextrapolates to unity
T
MMBTA06
<
_
<
_
Driver NPN


Similar Part No. - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA05 TRSYS-MMBTA05 Datasheet
139Kb / 1P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Guangdong Youtai Semico...
MMBTA05 UMW-MMBTA05 Datasheet
832Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMBTA05 DIODES-MMBTA05 Datasheet
106Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30037 Rev. 12 - 2
logo
Galaxy Semi-Conductor H...
MMBTA05 BILIN-MMBTA05 Datasheet
222Kb / 5P
   NPN General Purpose Transistor
logo
Samsung semiconductor
MMBTA05 SAMSUNG-MMBTA05 Datasheet
26Kb / 1P
   NPN (DRIVER TRANSISTOR)
More results

Similar Description - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBTA05 WEITRON-MMBTA05_10 Datasheet
249Kb / 4P
   Driver NPN Transistors
MPSA05 WEITRON-MPSA05 Datasheet
107Kb / 4P
   Driver NPN Transistors
logo
Leshan Radio Company
MMBTA05LT1 LRC-MMBTA05LT1 Datasheet
51Kb / 2P
   Driver Transistors(NPN Silicon)
BSS64LT1 LRC-BSS64LT1 Datasheet
21Kb / 2P
   Driver Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA05LT1 ONSEMI-MMBTA05LT1 Datasheet
73Kb / 8P
   Driver Transistors(NPN Silicon)
May, 2002 ??Rev. 2
MMBTA05LT1G ONSEMI-MMBTA05LT1G Datasheet
109Kb / 5P
   Driver Transistors NPN Silicon
October, 2010 ??Rev. 5
logo
Leshan Radio Company
LMBTA06UT1G LRC-LMBTA06UT1G Datasheet
143Kb / 3P
   Dual Driver Transistors NPN/PNP Duals RoHS requirements.
logo
Motorola, Inc
MMBTA05LT1 MOTOROLA-MMBTA05LT1 Datasheet
82Kb / 4P
   Driver Transistors
logo
Guangdong Kexin Industr...
MMBTA55 KEXIN-MMBTA55 Datasheet
43Kb / 2P
   Driver Transistors
logo
Leshan Radio Company
LMBTA05LT1 LRC-LMBTA05LT1 Datasheet
111Kb / 3P
   Driver Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com