Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F30244 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F30244
Description  Octal 30ohm line driver with enable, non-inverting open collector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F30244 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F30244 Datasheet HTML 1Page - NXP Semiconductors 74F30244 Datasheet HTML 2Page - NXP Semiconductors 74F30244 Datasheet HTML 3Page - NXP Semiconductors 74F30244 Datasheet HTML 4Page - NXP Semiconductors 74F30244 Datasheet HTML 5Page - NXP Semiconductors 74F30244 Datasheet HTML 6Page - NXP Semiconductors 74F30244 Datasheet HTML 7Page - NXP Semiconductors 74F30244 Datasheet HTML 8Page - NXP Semiconductors 74F30244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F30240*, 74F30244
30
Ω line drivers
1999 Jan 08
5
* Discontinued part. Please see the Discontinued Products List.
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
320
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
VOH
High-level output voltage
4.5
V
IOL
Low-level output current
160
mA
Tamb
Operating free-air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
IOH
High-level output current
VCC = MIN, VIL = MAX,
VIH = MIN, VOH = MAX
250
µA
VCC = MIN
IOL = 100mA
±10% VCC
0.42
0.55
V
VOL
Low-level output current
VCC = MIN,
VIL = MAX,
VIH = MIN
IOL =
160mA
NO TAG
±5% VCC
0.80
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum
input voltage
VCC = 0.0V, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–20
µA
74F30240
ICCH
VCC = MAX
13
23
mA
ICC
Supply current
74F30240
ICCL
VCC = MAX
70
95
mA
ICC
y
(total)
74F30244
ICCH
VCC = MAX
19
27
mA
74F30244
ICCL
VCC = MAX
70
100
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. IOL1 is the current necessary to guarantee the High-to-Low transition in a 30Ω transmission line on the incident wave.


Similar Part No. - 74F30244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F30 PHILIPS-74F30 Datasheet
68Kb / 8P
   8-input NAND gate
1989 Mar 03
logo
Fairchild Semiconductor
74F30 FAIRCHILD-74F30 Datasheet
48Kb / 4P
   8-Input NAND Gate
74F30 FAIRCHILD-74F30 Datasheet
66Kb / 5P
   8-Input NAND Gate
logo
NXP Semiconductors
74F3037 PHILIPS-74F3037 Datasheet
71Kb / 8P
   Quad 2-input NAND 30ohm driver
1990 Feb 09
74F3038 PHILIPS-74F3038 Datasheet
72Kb / 8P
   Quad 2-input NAND 30 ohm line driver open collector
1998 May 21
More results

Similar Description - 74F30244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F647 PHILIPS-74F647 Datasheet
115Kb / 12P
   Octal transceiver/register, non-inverting open-collector
1992 Feb 28
74F621 PHILIPS-74F621 Datasheet
77Kb / 10P
   Octal bus transceiver, non-inverting open collector
1996 Jan 05
logo
Fairchild Semiconductor
DM74ALS1035 FAIRCHILD-DM74ALS1035 Datasheet
45Kb / 4P
   Hex Non-Inverting Driver with Open Collector Outputs
DM74ALS1035MX FAIRCHILD-DM74ALS1035MX Datasheet
49Kb / 4P
   Hex Non-Inverting Driver with Open Collector Outputs
DM74ALS1005 FAIRCHILD-DM74ALS1005 Datasheet
48Kb / 4P
   Hex Inverting Driver with Open Collector Outputs
logo
NXP Semiconductors
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
logo
Fairchild Semiconductor
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
logo
Texas Instruments
SN74BCT757 TI-SN74BCT757 Datasheet
68Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com