Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZM-2066Z Datasheet(PDF) 10 Page - SIRENZA MICRODEVICES

Part # SZM-2066Z
Description  2.4-2.7GHz 2W Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SZM-2066Z Datasheet(HTML) 10 Page - SIRENZA MICRODEVICES

Back Button SZM-2066Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SZM-2066Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SZM-2066Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SZM-2066Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SZM-2066Z Datasheet HTML 9Page - SIRENZA MICRODEVICES SZM-2066Z Datasheet HTML 10Page - SIRENZA MICRODEVICES SZM-2066Z Datasheet HTML 11Page - SIRENZA MICRODEVICES SZM-2066Z Datasheet HTML 12Page - SIRENZA MICRODEVICES SZM-2066Z Datasheet HTML 13Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
10
EDS-104641 Rev C
Preliminary
SZM-2066Z 2.4-2.7GHz 2W Power Amp
Measured 2.5-2.7 GHz Application Circuit Data (Vcc = Vpc = 5.0V, Iq = 583mA, T=25C)
Broadband S11 - Input Return Loss
-25
-20
-15
-10
-5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency(GHz)
-40C
+25C
+85C
Broadband S21 - Forward Gain
26
28
30
32
34
36
38
40
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency(GHz)
-40C
+25C
+85C
Broadband S12 - Reverse Isolation
-75
-70
-65
-60
-55
-50
-45
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency(GHz)
-40C
+25C
+85C
Broadband S22 - Output Return Loss
-30
-25
-20
-15
-10
-5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency(GHz)
-40C
+25C
+85C


Similar Part No. - SZM-2066Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
More results

Similar Description - SZM-2066Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
   2W Power Amplifier
MAAP-010518 MA-COM-MAAP-010518_15 Datasheet
4Mb / 10P
   2W Power Amplifier
logo
Intersil Corporation
HFA3926 INTERSIL-HFA3926 Datasheet
69Kb / 7P
   2.0GHz - 2.7GHz 250mW Power Amplifier
July 1998
logo
Tyco Electronics
MAAP-000067-PKG003 MACOM-MAAP-000067-PKG003 Datasheet
410Kb / 9P
   Amplifier, Power, 2W
logo
Transcom, Inc.
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
   2.4 GHz 2W MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com