Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

406I24B10.000 Datasheet(PDF) 3 Page - CTS Corporation

Part # 406I24B10.000
Description  3.5 x 6.0 mm Ceramic - SM Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

406I24B10.000 Datasheet(HTML) 3 Page - CTS Corporation

  406I24B10.000 Datasheet HTML 1Page - CTS Corporation 406I24B10.000 Datasheet HTML 2Page - CTS Corporation 406I24B10.000 Datasheet HTML 3Page - CTS Corporation 406I24B10.000 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 406
3.5 x 6.0 mm
Ceramic - SM Crystal
♦ ♦ ♦ CTS Communications Components, Inc. ♦ 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 ♦ ♦ ♦
Document No. 008-0260-0
Page 3 of 4
Revision B
Date: Nov. 21, 2003
Dimensions in Inches [MM]
Suggested Pad Geometry
0.055 [ 1.40 ]
0.075 [ 1.90 ]
0.094 [ 2.40 ]
0.173 [ 4.40 ]
MECHANICAL SPECIFICATIONS: 4 Pad Terminations plated with 0.3 to 1.0 µm gold (Au).
PRODUCT MARKING:
YWW = Date Code (last digit of year & week number)
xxMxx = Frequency shall be marked with 2 significant digits to the right of the “M”.
(Customer specified codes maximum 6 characters can be marked instead of frequency)
QUALITY AND RELIABILITY:
• Quality Systems meet or exceed the requirements of ISO 9000: 2000 standards.
• Reliability Audits are performed on this or similar products with results available upon request.
Inch
( MM )
Key:
0.138 ±0.008
( 3.50 ±0.20 )
0.047
0.236 ±0.008
( 6.00 ±0.20 )
( 1.20 )
( 3.0 )
0.118
0.059
( 1.5 )
0.059
( 1.50 )
0.039
( 1.0 )
Top View
Bottom View
Max
4
1
3
2
3
2
4
1
CTS YWW
• xxMxx


Similar Part No. - 406I24B10.000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
406 3M-406 Datasheet
53Kb / 2P
   Detectable Buried Barricade Tapes 400 Series
logo
List of Unclassifed Man...
406 ETC-406 Datasheet
992Kb / 8P
   Low Voltage and Power Applications
January 2016
logo
Marathon Special Produc...
406 MARATHON-406 Datasheet
597Kb / 3P
   Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
WECO ELECTRICAL CONNECT...
406 WECO-406 Datasheet
89Kb / 1P
   Tab connector Lead distributor
01.21
logo
Enercon Technologies Eu...
406 ENERCON-406 Datasheet
687Kb / 2P
   Miniature Portable Communication Grid for Dismounted Soldier
Jan 25, 2020
More results

Similar Description - 406I24B10.000

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
   6.0 x 3.5 mm SMD Crystal
logo
Transko Electronics, In...
CS63A TRANSKO-CS63A Datasheet
237Kb / 1P
   CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.0mm)
Rev. 5: 10-10-19
CS63B TRANSKO-CS63B Datasheet
239Kb / 1P
   CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.1mm)
Rev. 4: 10-10-19
CS63C TRANSKO-CS63C Datasheet
255Kb / 1P
   CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.4mm)
Rev 5: 10/18/2022
logo
MTRONPTI
PR1DD MTRONPTI-PR1DD Datasheet
291Kb / 2P
   3.5 x 6.0 x 1.0 mm Surface Mount Crystals
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
   Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
logo
ILSI America LLC
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX08 ILSI-ILCX08 Datasheet
53Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
logo
C&K Components
PTS636 CK-COMPONENTS-PTS636 Datasheet
477Kb / 6P
   6.0 x 3.5 Top Actuated
14 Nov 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com