Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP888EG Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EG
Description  8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EG Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP888EG Datasheet HTML 6Page - National Semiconductor (TI) COP888EG Datasheet HTML 7Page - National Semiconductor (TI) COP888EG Datasheet HTML 8Page - National Semiconductor (TI) COP888EG Datasheet HTML 9Page - National Semiconductor (TI) COP888EG Datasheet HTML 10Page - National Semiconductor (TI) COP888EG Datasheet HTML 11Page - National Semiconductor (TI) COP888EG Datasheet HTML 12Page - National Semiconductor (TI) COP888EG Datasheet HTML 13Page - National Semiconductor (TI) COP888EG Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Control Registers (Continued)
PSW Register (Address X 00EF)
The PSW register contains the following select bits
GIE
Global interrupt enable (enables interrupts)
EXEN
Enable external interrupt
BUSY
MICROWIREPLUS busy shifting flag
EXPND
External interrupt pending
T1ENA
Timer T1 Interrupt Enable for Timer Underflow
or T1A Input capture edge
T1PNDA Timer T1 Interrupt Pending Flag (Autoreload RA
in mode 1 T1 Underflow in Mode 2 T1A cap-
ture edge in mode 3)
C
Carry Flag
HC
Half Carry Flag
HC
C T1PNDA T1ENA EXPND BUSY EXEN GIE
Bit 7
Bit 0
The Half-Carry bit is also affected by all the instructions that
affect the Carry flag The SC (Set Carry) and RC (Reset
Carry) instructions will respectively set or clear both the car-
ry flags In addition to the SC and RC instructions ADC
SUBC RRC and RLC instructions affect the carry and Half
Carry flags
ICNTRL Register (Address X 00E8)
The ICNTRL register contains the following bits
T1ENB
Timer T1 Interrupt Enable for T1B Input capture
edge
T1PNDB Timer T1 Interrupt Pending Flag for T1B cap-
ture edge
WEN
Enable MICROWIREPLUS interrupt
WPND
MICROWIREPLUS interrupt pending
T0EN
Timer T0 Interrupt Enable (Bit 12 toggle)
T0PND
Timer T0 Interrupt pending
LPEN
L Port Interrupt Enable (Multi-Input Wake Up
Interrupt)
Bit 7 could be used as a flag
Unused LPEN T0PND T0EN
WPND
WEN T1PNDB T1ENB
Bit 7
Bit 0
T2CNTRL Register (Address X 00C6)
The T2CNTRL register contains the following bits
T2ENB
Timer T2 Interrupt Enable for T2B Input capture
edge
T2PNDB Timer T2 Interrupt Pending Flag for T2B cap-
ture edge
T2ENA
Timer T2 Interrupt Enable for Timer Underflow
or T2A Input capture edge
T2PNDA Timer T2 Interrupt Pending Flag (Autoreload RA
in mode 1 T2 Underflow in mode 2 T2A cap-
ture edge in mode 3)
T2C0
Timer T2 StartStop control in timer modes 1
and 2 Timer T2 Underflow Interrupt Pending
Flag in timer mode 3
T2C1
Timer T2 mode control bit
T2C2
Timer T2 mode control bit
T2C3
Timer T2 mode control bit
T2C3 T2C2 T2C1 T2C0 T2PNDA T2ENA T2PNDB T2ENB
Bit 7
Bit 0
T3CNTRL Register (Address X 00B6)
The T3CNTRL register contains the following bits
T3ENB
Timer T3 Interrupt Enable for T3B
T3PNDB Timer T3 Interrupt Pending Flag for T3B pin
(T3B capture edge)
T3ENA
Timer T3 Interrupt Enable for Timer Underflow
or T3A pin
T3PNDA Timer T3 Interrupt Pending Flag (Autoload RA
in mode 1 T3 Underflow in mode 2 T3a cap-
ture edge in mode 3)
T3C0
Timer T3 StartStop control in timer modes 1
and 2
Timer T3 Underflow Interrupt Pending Flag in
timer mode 3
T3C1
Timer T3 mode control bit
T3C2
Timer T3 mode control bit
T3C3
Timer T3 mode control bit
T3C3
T3C2
T3C1
T3C0 T3PNDA T3ENA T3PNDB T3ENB
Bit 7
Bit 0
Timers
The device contains a very versatile set of timers (T0 T1
T2 T3) All timers and associated autoreloadcapture regis-
ters power up containing random data
TIMER T0 (IDLE TIMER)
The devices support applications that require maintaining
real time and low power with the IDLE mode This IDLE
mode support is furnished by the IDLE timer T0 which is a
16-bit timer The Timer T0 runs continuously at the fixed
rate of the instruction cycle clock tc The user cannot read
or write to the IDLE Timer T0 which is a count down timer
The Timer T0 supports the following functions
Exit out of the Idle Mode (See Idle Mode description)
WATCHDOG logic (See WATCHDOG description)
Start up delay out of the HALT mode
The IDLE Timer T0 can generate an interrupt when the thir-
teenth bit toggles This toggle is latched into the T0PND
pending flag and will occur every 4 ms at the maximum
clock frequency (tc e 1 ms) A control flag T0EN allows the
interrupt from the thirteenth bit of Timer T0 to be enabled or
disabled Setting T0EN will enable the interrupt while reset-
ting it will disable the interrupt
http
www nationalcom
10


Similar Part No. - COP888EG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888EG NSC-COP888EG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888EG NSC-COP888EG Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP888EG NSC-COP888EG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Texas Instruments
COP888EG TI1-COP888EG Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
More results

Similar Description - COP888EG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
NXP Semiconductors
PCD3745A PHILIPS-PCD3745A Datasheet
156Kb / 32P
   8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com