Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP888EG Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EG
Description  8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EG Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP888EG Datasheet HTML 2Page - National Semiconductor (TI) COP888EG Datasheet HTML 3Page - National Semiconductor (TI) COP888EG Datasheet HTML 4Page - National Semiconductor (TI) COP888EG Datasheet HTML 5Page - National Semiconductor (TI) COP888EG Datasheet HTML 6Page - National Semiconductor (TI) COP888EG Datasheet HTML 7Page - National Semiconductor (TI) COP888EG Datasheet HTML 8Page - National Semiconductor (TI) COP888EG Datasheet HTML 9Page - National Semiconductor (TI) COP888EG Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Pin Descriptions
VCC and GND are the power supply pins
CKI is the clock input This can come from an RC generat-
ed oscillator or a crystal oscillator (in conjunction with
CKO) See Oscillator Description section
RESET is the master reset input See Reset Description
section
The device contains two bidirectional 8-bit IO ports (G and
L) where each individual bit may be independently config-
ured as an input (Schmitt trigger inputs on ports L and G)
output or TRI-STATE under program control Three data
memory address locations are allocated for each of these
IO ports Each IO port has two associated 8-bit memory
mapped registers the CONFIGURATION register and the
output DATA register A memory mapped address is also
reserved for the input pins of each IO port (See the memo-
ry map for the various addresses associated with the IO
ports)
Figure 4 shows the IO port configurations The
DATA and CONFIGURATION registers allow for each port
bit to be individually configured under software control as
shown below
CONFIGURATION
DATA
Port Set-Up
Register
Register
0
0
Hi-Z Input
(TRI-STATE Output)
0
1
Input with Weak Pull-Up
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
PORT L is an 8-bit IO port All L-pins have Schmitt triggers
on the inputs
Port L supports Multi-Input Wake Up (MIWU) on all eight
pins L1 is used for the UART external clock L2 and L3 are
used for the UART transmit and receive L4 and L5 are used
for the timer input functions T2A and T2B L6 and L7 are
used for the timer input functions T3A and T3B
Port L has the following alternate features
L0
MIWU
L1
MIWU or CKX
L2
MIWU or TDX
L3
MIWU or RDX
L4
MIWU or T2A
L5
MIWU or T2B
L6
MIWU or T3A
L7
MIWU or T3B
Port G is an 8-bit port with 5 IO pins (G0 G2 – G5) an input
pin (G6) and two dedicated output pins (G1 and G7) Pins
G0 and G2 – G6 all have Schmitt Triggers on their inputs Pin
G1 serves as the dedicated WDOUT WATCHDOG output
while pin G7 is either input or output depending on the oscil-
lator mask option selected With the crystal oscillator option
selected G7 serves as the dedicated output pin for the CKO
clock output With the single-pin RC oscillator mask option
selected G7 serves as a general purpose input pin but is
also used to bring the device out of HALT mode with a low
to high transition on G7 There are two registers associated
with the G Port a data register and a configuration register
Therefore each of the 5 IO bits (G0 G2 – G5) can be indi-
vidually configured under software control
TLDD12872 – 4
FIGURE 4 IO Port Configurations
http
www nationalcom
6


Similar Part No. - COP888EG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888EG NSC-COP888EG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888EG NSC-COP888EG Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP888EG NSC-COP888EG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Texas Instruments
COP888EG TI1-COP888EG Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
More results

Similar Description - COP888EG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
NXP Semiconductors
PCD3745A PHILIPS-PCD3745A Datasheet
156Kb / 32P
   8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com