Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AEDS-962 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. AEDS-962
Description  300 LPI Ultra Small Optical Encoder Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AEDS-962 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button AEDS-962 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AEDS-962 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AEDS-962 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AEDS-962 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AEDS-962 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AEDS-962 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AEDS-962 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AEDS-962 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AEDS-962 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Figure 4. Mounting consideration.
Error
Symbol
Rop = 11.00 mm
Unit
Notes
Gap
EG
± 0.15
mm
Recommend CW be put closer to the detector side (upper side),
in order to keep enough margin for encoder operation.
Radial
ER
± 0.26
mm
Tangential
ET
± 0.28
mm
Angular
EA
± 3
°C
RM
2.05 MIN.
2XR
Ø 2.05 HOLE MIN.
1.0 DEEP MIN.
4.30 (0.169) MAX
4.50 (0.177) MIN.
ROP
4.40 ± 0.15 (0.173 ± 0.006)
SEE NOTE
4.75 (0.187) MAX.
C OF ALIGNMENT TAB
L
RM ± ROP - 2.40 (0.094)
NOTE:
THESE DIMENSIONS INCLUDE SHAFT END PLAY AND CODEWHEEL WARP.
ALL DIMENSIONS FOR MOUNTING IN THE MODULE AND CODEWHEEL/CODESTRIP
SHOULD BE MEASURED WITH RESPECT TO THE TWO MOUNTING POSTS SHOWN ABOVE.
EG
IMAGE SIDE OF CODEWHEEL / CODESTRIP
ET
ER
EA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn