Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F283 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F283
Description  4-bit binary full adder with fast carry
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F283 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F283 Datasheet HTML 1Page - NXP Semiconductors 74F283 Datasheet HTML 2Page - NXP Semiconductors 74F283 Datasheet HTML 3Page - NXP Semiconductors 74F283 Datasheet HTML 4Page - NXP Semiconductors 74F283 Datasheet HTML 5Page - NXP Semiconductors 74F283 Datasheet HTML 6Page - NXP Semiconductors 74F283 Datasheet HTML 7Page - NXP Semiconductors 74F283 Datasheet HTML 8Page - NXP Semiconductors 74F283 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74F283
4-bit binary full adder with fast carry
1989 Mar 03
4
Figure A shows how to make a 3-bit adder. Tying the operand inputs
of the fourth adder (A3, B3) Low makes
Σ3 dependent only on, and
equal to, the carry from the third adder. Using somewhat the same
principle, Figure B shows a way of dividing the 74F283 into a 2-bit
and a 1-bit adder. The third stage adder (A2, B2,
Σ2) is used as
means of getting a carry (C10) signal into the fourth stage adder (via
A2 and B2) and bringing out the carry from the second stage on
Σ2.
Note that as long as A2 and B2 are the same, whether High or Low,
they do not influence
Σ2. Similarly, when A2 and B2 are the same,
the carry into the third stage does not influence the carry out of the
third stage. Figure C shows a method of implementing a 5-input
encoder where the inputs are equally weighted. The outputs
Σ0, Σ1
and
Σ2 present a binary number of inputs I0–I4 that are true.
Figure D shows one method of implementing a 5-input majority gate.
When three or more of the inputs I0–I4 are true, the output M4 is
true.
APPLICATIONS
Σ1
Σ0
A0 B0 A1 B1 A2 B2 A3 B3
SF00856
Σ3
Σ2
CIN
COUT
L
C3
A.
3-bit Adder
Σ1
Σ0
A0 B0 A1 B1 A2 B2 A3 B3
Σ3
Σ2
CIN
COUT
B.
2-bit and 1-bit Adder
CIN
C11
A0 B0 A1 B1
C10
A10 B10
Σ1
Σ0
Σ10
C2
Σ1
Σ0
A0 B0 A1 B1 A2 B2 A3 B3
Σ3
Σ2
CIN
COUT
C.
5-input Encoder
Σ1
Σ0
A0 B0 A1 B1 A2 B2 A3 B3
Σ3
Σ2
CIN
COUT
D.
5-input Majority Gate
I0
I1
I2
I3
I4
20
21
22
I0
I1
I2
I3
I4
L
M4


Similar Part No. - 74F283

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F283 NSC-74F283 Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
74F283PC NSC-74F283PC Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
74F283PC FAIRCHILD-74F283PC Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
74F283PC FAIRCHILD-74F283PC Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
More results

Similar Description - 74F283

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com