Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL06-05SADJ-V Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL06-05SADJ-V
Description  6A Non-isolated DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL06-05SADJ-V Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL06-05SADJ-V Datasheet HTML 1Page - Artesyn Technologies SIL06-05SADJ-V Datasheet HTML 2Page - Artesyn Technologies SIL06-05SADJ-V Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
6A Non-isolated DC/DC Converters
1
2 YEAR WARRANTY
SIL06 Series
Single output
Ultra wide trim range 0.9V to 3.3V/5.0V
Current sink capability for termination application
Horizontal and vertical-mount options available
High power density design means reduced board space
requirement
Power good output signal (open collector)
Operating ambient temperature up to +80ºC with suitable
derating and forced air cooling
Remote ON/OFF (active high)
0A minimum load
Input under-voltage lockout
Over-current and short-circuit protection
The SIL06 Series is a new high density open frame non-isolated converter for space
sensitive applications. Each model has a wide input range (4.5 - 5.5VDC or 10.2 -
13.8VDC) and offer a wide 0.9 - 5V output voltage range with a 6A load. An external
resistor adjusts the output voltage from its pre-set value of 0.9V to any value up to the
5V maximum. Typical efficiencies for the models are 89% for the 5V input version and
91% for the 12V input version. The SIL06 series offers remote ON/OFF and over-
current protection as standard. With full international safety approval including
EN60950 and UL/cUL60950, the SIL06 reduces compliance costs and time to market.
NEW Product
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
5V input models
0.9V to 3.3V
(See Note 7)
12V input models
0.9V to 5.0V
Output setpoint accuracy With 1.0% trim resistors
±2.5%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±0.5% max.
Min./max. load
0A/6A
Overshoot
5V input models
3.0% max.
(at turn on)
12V input models
1.0% max.
Undershoot
100mV max.
Ripple and noise
5Hz to 20MHz (See Note 2)
See table
Transient response
Deviation
75mV
(See Note 1)
150µs recovery to
within regulation band
INPUT SPECIFICATIONS
Input voltage range
5V input model
4.5 to 5.5VDC
12V input model
10.2 to 13.8VDC
Input current
No load
50mA
Remote OFF
5mA
Input current (max.)
5V input model
5.1A @ Io max.
(See Note 9)
12V input model
1.6A @ Io max.
Input reflected ripple
5V input model
52mA (pk-pk)
(See Note 2)
12V input model
56mA (pk-pk)
Remote ON/OFF
Logic compatibility
Active high
ON
>2.4VDC
OFF
<0.8VDC
Start-up time
Power up
<20ms
(See Note 3)
Remote ON/OFF
<20ms
File Name: SIL06.PDF Rev: 10 Dec 2002
INPUT SPECIFICATIONS Contd.
Turn ON threshold
5Vin model
4.5V
12Vin model
9.0V
Turn OFF threshold
5Vin model
4.3V
12Vin model
7.5V
GENERAL SPECIFICATIONS
Efficiency
See table
Switching frequency
Fixed
200kHz
Approvals and
TÜV Product Service
standards (See Note 4)
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
9.3g (0.3oz)
MTBF
MIL-HDBK-217F
1,307,257 hours
Representative model:
12V model @ 40ºC
100% load, ground benign
Bellcore 332
7, 562,142 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0°C to +80°C
(See Note 10)
temperature
Non-operating
-40°C to +125°C
Altitude derating
3,000m (9,843 ft)
20%
(above sea level)
10,000m (32,808 ft)
50%


Similar Part No. - SIL06-05SADJ-V

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL06C-00SADJ-HJ ARTESYN-SIL06C-00SADJ-HJ Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SIL06C-00SADJ-VJ ARTESYN-SIL06C-00SADJ-VJ Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SIL06C-05SADJ-H ARTESYN-SIL06C-05SADJ-H Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL06-05SADJ-V

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com