Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2183STRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2183STRPBF
Description  HALF-BRIDGE DRIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2183STRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2183STRPBF Datasheet HTML 1Page - International Rectifier IRS2183STRPBF Datasheet HTML 2Page - International Rectifier IRS2183STRPBF Datasheet HTML 3Page - International Rectifier IRS2183STRPBF Datasheet HTML 4Page - International Rectifier IRS2183STRPBF Datasheet HTML 5Page - International Rectifier IRS2183STRPBF Datasheet HTML 6Page - International Rectifier IRS2183STRPBF Datasheet HTML 7Page - International Rectifier IRS2183STRPBF Datasheet HTML 8Page - International Rectifier IRS2183STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
HIN
up to 600 V
TO
LOAD
V
CC
V
B
V
S
HO
LO
COM
HIN
DT
V
SS
LIN
V
CC
LIN
V
SS
R
DT
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 600 V
TO
LOAD
V
CC
Typical Connection
HALF-BRIDGE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage, dV/dt
immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for both channels
3.3 V and 5 V input logic compatible
Matched propagation delay for both channels
Logic and power ground +/- 5 V offset
Lower di/dt gate driver for better noise immunity
Output source/sink current capability 1.4 A/1.8 A
IRS21834
IRS2183
www.irf.com
1
IRS2183/IRS21834(S)PbF
Data Sheet No. PD60265
(Refer to Lead Assignment for correct pin
configuration) These diagrams show electrical
connections only. Please refer to our Application
Notes and DesignTips for proper circuit board layout.
Description
The IRS2183/IRS21834 are high voltage,
high speed power MOSFET and IGBT
drivers with dependent high and low
side referenced output channels. Pro-
prietary HVIC and latch immune CMOS
technologies enable ruggedized mono-
lithic construction. The logic input is
compatible with standard CMOS or
LSTTL output, down to 3.3 V logic. The
output drivers feature a high pulse cur-
rent buffer stage designed for minimum
driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT
in the high side configuration which operates up to 600 V.
Feature Comparison
Part
Input
logic
Cross-
conduction
prevention
logic
Deadtime
(ns)
Ground Pins
Ton/Toff
(ns)
2181
COM
21814
HIN/LIN
no
none
VSS/COM
180/220
2183
Internal 5000
COM
21834
HIN/LIN
yes
Program 400-5000
VSS/COM
180/220
2184
Internal 5000
COM
21844
IN/SD
yes
Program 400-5000
VSS/COM
680/270
Packages
8-Lead PDIP
IRS2183
8-Lead SOIC
IRS2183S
14-Lead PDIP
IRS21834
14-Lead SOIC
IRS21834S


Similar Part No. - IRS2183STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2183S IRF-IRS2183S Datasheet
1Mb / 23P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2183S INFINEON-IRS2183S Datasheet
536Kb / 24P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60265
logo
International Rectifier
IRS2183SPBF IRF-IRS2183SPBF Datasheet
1Mb / 23P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2183SPBF INFINEON-IRS2183SPBF Datasheet
536Kb / 24P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60265
More results

Similar Description - IRS2183STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com