Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2183STRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2183STRPBF
Description  HALF-BRIDGE DRIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2183STRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS2183STRPBF Datasheet HTML 1Page - International Rectifier IRS2183STRPBF Datasheet HTML 2Page - International Rectifier IRS2183STRPBF Datasheet HTML 3Page - International Rectifier IRS2183STRPBF Datasheet HTML 4Page - International Rectifier IRS2183STRPBF Datasheet HTML 5Page - International Rectifier IRS2183STRPBF Datasheet HTML 6Page - International Rectifier IRS2183STRPBF Datasheet HTML 7Page - International Rectifier IRS2183STRPBF Datasheet HTML 8Page - International Rectifier IRS2183STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
IRS2183/IRS21834(S)PbF
www.irf.com
2
Symbol
Definition
Min.
Max.
Units
VB
High side floating absolute voltage
-0.3
620 (Note 1)
VS
High side floating supply offset voltage
VB - 20
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
20 (Note 1)
VLO
Low side output voltage
-0.3
VCC + 0.3
DT
Programmable deadtime pin voltage (IR21834 only)
VSS - 0.3
VCC + 0.3
VIN
Logic input voltage (HIN & LIN )VSS - 0.3
VCC + 0.3
VSS
Logic ground (IR21834 only)
VCC - 20
VCC + 0.3
dVS/dt
Allowable offset supply voltage transient
50
V/ns
(8-lead PDIP)
1.0
PD
Package power dissipation @ TA ≤ +25 °C
(8-lead SOIC)
0.625
(14-lead PDIP)
1.6
(14-lead SOIC)
1.0
(8-lead PDIP)
125
RthJA
Thermal resistance, junction to ambient
(8-lead SOIC)
200
(14-lead PDIP)
75
(14-lead SOIC)
120
TJ
Junction temperature
150
TS
Storage temperature
-50
150
TL
Lead temperature (soldering, 10 seconds)
300
V
°C
°C/W
W
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured
under board mounted and still air conditions.
Note 2: Logic operational for VS of -5 V to +600 V. Logic state held for VS of -5 V to -VBS. (Please refer to the Design Tip
DT97-3 for more details).
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig. 1. For proper operation the device should be used within the
recommended conditions. The VS and VSS offset rating are tested with all supplies biased at 15 V differential.
VB
High side floating supply absolute voltage
VS + 10
VS + 20
VS
High side floating supply offset voltage
Note 2
600
VHO
High side floating output voltage
VS
VB
VCC
Low side and logic fixed supply voltage
10
20
VLO
Low side output voltage
0
VCC
VIN
Logic input voltage (HIN & LIN)
VSS
VCC
)VSS
VCC
DT
Programmable deadtime pin voltage (IR21834 only)
VSS
VCC
VSS
Logic ground (IR21834 only)
-5
5
TA
Ambient temperature
-40
125
°C
V
Symbol
Definition
Min.
Max.
Units
Note 1: All supplies are fully tested at 25 V and an internal 20 V clamp exists for each supply.


Similar Part No. - IRS2183STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2183S IRF-IRS2183S Datasheet
1Mb / 23P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2183S INFINEON-IRS2183S Datasheet
536Kb / 24P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60265
logo
International Rectifier
IRS2183SPBF IRF-IRS2183SPBF Datasheet
1Mb / 23P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2183SPBF INFINEON-IRS2183SPBF Datasheet
536Kb / 24P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60265
More results

Similar Description - IRS2183STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com