Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR1005-120M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR1005-120M
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1005-120M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR1005-120M Datasheet HTML 1Page - Bourns Electronic Solutions SRR1005-120M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice.
7.3
(.287)
12.7
± 0.1
(.500
± .004)
7.6
± 0.3
(.299
± .012)
3.0
(.118)
2.4
± 0.2
(.094
± .008)
5.2
(.205)
MAX.
10.0
± 0.2
(.393
± .008)
2.8
(.110)
2.5
± 0.2
(.098
± .008)
SRR1005 Series - Shielded Power Inductors
Features
I Available in E12 series
I Unit height of 5.2mm
I Current up to 4.5A
Applications
I Input/output of DC/DC converters
I Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
General Specifications
Test Voltage .........................................1V
Reflow Soldering.....230°C, 10 sec. max.
Operating Temperature ...-40°C to +105°C
Storage Temperature ....-40°C to +125°C
Resistance to Soldering Heat
....................................260°C for 5 sec.
Materials
Core .....................Ferrite DR and RI core
Wire ............................Enamelled copper
Base ......................................LCP E4008
Terminal ......................Tinned copper flat
Rated Current .Ind. drop 10% typ. at Isat
Temperature Rise
........................40°C max. at rated Irms
Packaging .....................600 pcs. per reel
DIMENSIONS:
MM
(INCHES)
Inductance 1kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
Frequency
Min.
(
Ω)
Max.
Typ.
(MHz)
(MHz)
(A)
(A)
SRR1005-1R0M
1.0
± 20
25
7.96M
120
0.017
4.50
8.00
SRR1005-1R5M
1.5
± 20
25
7.96M
100
0.020
3.60
7.00
SRR1005-2R2M
2.2
± 20
25
7.96M
90.0
0.027
3.10
6.10
SRR1005-3R0M
3.0
± 20
25
7.96M
80.0
0.030
2.90
5.00
SRR1005-4R7M
4.7
± 20
25
7.96M
50.0
0.040
2.50
3.80
SRR1005-7R0M
7.0
± 20
22
7.96M
32.0
0.055
2.20
3.20
SRR1005-100M
10
± 20
48
2.52M
30.0
0.065
2.00
3.00
SRR1005-120M
12
± 20
45
2.52M
25.0
0.080
1.80
2.30
SRR1005-150M
15
± 20
40
2.52M
20.0
0.085
1.70
2.10
SRR1005-180Y
18
± 15
35
2.52M
19.0
0.090
1.60
2.10
SRR1005-220Y
22
± 15
42
2.52M
18.0
0.100
1.40
1.90
SRR1005-270Y
27
± 15
40
2.52M
17.0
0.120
1.30
1.60
SRR1005-330Y
33
± 15
40
2.52M
15.0
0.160
1.20
1.56
SRR1005-390Y
39
± 15
40
2.52M
13.0
0.180
1.05
1.40
SRR1005-470Y
47
± 15
35
2.52M
12.0
0.190
1.00
1.30
SRR1005-560Y
56
± 15
35
2.52M
11.0
0.210
0.90
1.10
SRR1005-680Y
68
± 15
35
2.52M
9.0
0.340
0.82
1.10
SRR1005-820Y
82
± 15
35
2.52M
8.0
0.380
0.75
0.95
SRR1005-101K
100
± 10
35
0.796M
7.5
0.420
0.68
0.90
SRR1005-121K
120
± 10
30
0.796M
7.2
0.460
0.60
0.80
SRR1005-151K
150
± 10
28
0.796M
6.2
0.520
0.55
0.66
SRR1005-181K
180
± 10
28
0.796M
5.8
0.700
0.50
0.65
SRR1005-221K
220
± 10
30
0.796M
5.2
0.800
0.45
0.63
SRR1005-271K
270
± 10
30
0.796M
4.8
1.100
0.40
0.52
SRR1005-331K
330
± 10
30
0.796M
4.5
1.200
0.35
0.48
SRR1005-391K
390
± 10
25
0.796M
4.2
1.400
0.33
0.45
SRR1005-471K
470
± 15
40
0.796M
3.0
1.600
0.30
0.45
SRR1005-561K
560
± 10
40
0.796M
2.7
1.800
0.28
0.42
SRR1005-681K
680
± 10
37
0.796M
2.6
2.300
0.26
0.38
SRR1005-821K
820
± 10
37
0.796M
2.5
2.600
0.24
0.36
SRR1005-102K
1000
± 10
65
0.252M
2.0
3.200
0.22
0.32
SRR1005-122K
1200
± 10
58
0.252M
2.0
3.600
0.20
0.29
SRR1005-152K
1500
± 10
53
0.252M
1.6
5.200
0.17
0.24
SRR1005-182K
1800
± 10
65
0.252M
1.4
5.700
0.16
0.23
SRR1005-222K
2200
± 10
55
0.252M
1.4
6.500
0.14
0.21
SRR1005-272K
2700
± 10
55
0.252M
1.2
8.600
0.12
0.18
SRR1005-332K
3300
± 10
50
0.252M
1.2
10.00
0.10
0.17


Similar Part No. - SRR1005-120M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1005-120M BOURNS-SRR1005-120M Datasheet
175Kb / 2P
   Shielded Power Inductors
More results

Similar Description - SRR1005-120M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com