Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSQ5 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SSQ5
Description  Square Ceramic Surface Mount Quick Acting Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SSQ5 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SSQ5 Datasheet HTML 1Page - Bel Fuse Inc. SSQ5 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT IN AMPERES
NOTE - see important information under “User Guide”on P.08
Corporate Office
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K
Tel: 44-1772-556601
Fax: 44-1772-888366
SSQC0303
SSQ - TIME CURRENT CHARACTERISTIC CURVE
Type SSQ
Square Ceramic Surface Mount Quick Acting Fuse
2410 Size
10000
1000
100
10
1
0.1
0.01
1
100
1000
10
0.1
12


Similar Part No. - SSQ5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQ5 BEL-SSQ5 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
SSQ5 BEL-SSQ5 Datasheet
649Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ500 BEL-SSQ500 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
SSQ500 BEL-SSQ500 Datasheet
649Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
logo
SeCoS Halbleitertechnol...
SSQ5N50 SECOS-SSQ5N50 Datasheet
491Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSQ5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0679L BEL-0679L Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
0679L0250-XX BEL-0679L0250-XX Datasheet
895Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ BEL-SSQ_12 Datasheet
649Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
0679H BEL-0679H_17 Datasheet
1Mb / 4P
   SQUARE CERAMIC SURFACE MOUNT QUICK ACTING FUSE
0679H0250-XX BEL-0679H0250-XX Datasheet
910Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
0679H BEL-0679H Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ250 BEL-SSQ250_1 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
2JQ BEL-2JQ_13 Datasheet
1Mb / 4P
   QUICK ACTING FUSE SERIES
2JQ BEL-2JQ Datasheet
99Kb / 2P
   Quick Acting Fuse Series
5HF BEL-5HF_16 Datasheet
1Mb / 4P
   Quick Acting Fuse Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com