Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F27 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 74F27
Description  Triple 3-input NOR gate
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74F27 Datasheet(HTML) 3 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
74F27
Triple 3-input NOR gate
February 5, 1991
3
LOGIC SYMBOL
D0a
D0b D0c
D1b
D1c
D2a
D2b
D1a
Q0
Q1
Q2
12
6
8
1
2
13
3
4
5
9
10
VCC = Pin 14
GND = Pin 7
SF00035
D2c
11
IEC/IEEE SYMBOL
SF00036
w1
12
6
8
1
2
13
3
4
5
9
10
11
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
40
mA
T
Operating free air temperature range
Commercial range
0 to +70
°C
Tamb
Operating free air temperature range
Industrial range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–1
mA
IOL
Low–level output current
20
mA
Tamb
Operating free air temperature range
Commercial range
0
+70
°C
Industrial range
–40
+85
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALS27Triple 3-Input NOR gate 1 2 3 4 5 MoreNXP Semiconductors
HEF4025BTriple 3-input NOR gate 1 2 3 NXP Semiconductors
M74HC27TRIPLE 3-INPUT NOR GATE 1 2 3 4 5 MoreSTMicroelectronics
TC74VHC27FTRIPLE 3-INPUT NOR GATE 1 2 3 4 5 Toshiba Semiconductor
74LCX27Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74VHC27Triple 3-Input NOR Gate 1 2 3 4 5 MoreFairchild Semiconductor
M74HCT27TRIPLE 3-INPUT NOR GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74HC27ATriple 3-Input NOR Gate 1 2 3 4 5 Integral Corp.
SL4025BTriple 3-Input NOR Gate 1 2 3 4 System Logic Semiconductor
SN54LS27TRIPLE 3-INPUT NOR GATE 1 2 3 4 Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn