Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3024 Datasheet(PDF) 16 Page - EM Microelectronic - MARIN SA

Part # A3024
Description  Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

A3024 Datasheet(HTML) 16 Page - EM Microelectronic - MARIN SA

Back Button A3024 Datasheet HTML 9Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 10Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 11Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 12Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 13Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 14Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 15Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 16Page - EM Microelectronic - MARIN SA A3024 Datasheet HTML 17Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
A3024
R
Package and Ordering Information
Dimensions of 20-Pin SOIC Package
Dimensions of 20-Pin Plastic DIP Package
D
A
A1
A2
b
b3
E1
b2
e
L
E
c
eA
eB
D1
A
A1
B
e
D
C
E
H
h x 45°
L
a
Min.
Nom.
Max.
A
2.35
2.65
A1
0.10
0.30
B
0.33
0.51
C
0.23
0.32
D
12.60
13.00
E
7.40
7.60
e
1.27
H
10.00
10.65
h
0.25
0.75
L
0.40
1.27
a
Min.
Nom.
Max.
A
5.33
A1
0.38
A2
2.92
3.30
4.95
b
0.35
0.46
0.56
b2
1.14
1.52
1.78
b3
0.76
0.99
1.14
c
0.20
0.25
0.36
D
24.89 26.16 26.92
E
7.62
7.87
8.26
E1
6.09
6.35
7.11
e
2.54
eA
7.62
eB
10.92
L
2.92
3.30
3.81
Dimensions in mm
Dimensions in mm
Fig. 17
Fig. 18
12
3
89
10
20
19
18
13
12
11
123456789
10
20 19 18 17 16 15 14 13 12 11
16


Similar Part No. - A3024

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A302-100 MEANWELL-A302-100 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A302-100-F3 MEANWELL-A302-100-F3 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A302-100-F3 MEANWELL-A302-100-F3 Datasheet
221Kb / 2P
   100W MODIFIED SINE SAVE DC-AC POWER INVERTER
A302-150-B2 MEANWELL-A302-150-B2 Datasheet
251Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A302-150-B2 MEANWELL-A302-150-B2 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
More results

Similar Description - A3024

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
ATMEL Corporation
E1466D ATMEL-E1466D Datasheet
133Kb / 8P
   32 KHZ CLOCK CMOS IC WITH DIGITAL TRIMMING
logo
Advanced Micro Devices
80188 AMD-80188 Datasheet
3Mb / 51P
   High Integration 8-Bit Microprocessor
logo
Freescale Semiconductor...
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com