Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3234S Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3234S
Description  Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3234S Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3234S Datasheet HTML 4Page - Maxim Integrated Products DS3234S Datasheet HTML 5Page - Maxim Integrated Products DS3234S Datasheet HTML 6Page - Maxim Integrated Products DS3234S Datasheet HTML 7Page - Maxim Integrated Products DS3234S Datasheet HTML 8Page - Maxim Integrated Products DS3234S Datasheet HTML 9Page - Maxim Integrated Products DS3234S Datasheet HTML 10Page - Maxim Integrated Products DS3234S Datasheet HTML 11Page - Maxim Integrated Products DS3234S Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Extremely Accurate SPI Bus RTC with
Integrated Crystal and SRAM
8
_____________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
CS
Active-Low Chip Select Input. Used to select or deselect the device.
2, 7–14
N.C.
No Connection. Not connected internally. Must be connected to ground.
3
32kHz
32kHz Push-Pull Output. If disabled with either EN32kHz = 0 or BB32kHz = 0, the state of the 32kHz pin will be
low.
4VCC
DC Power Pin for Primary Power Supply. This pin should be decoupled using a 0.1µF to 1.0µF capacitor.
5
INT/SQW
Active-Low Interrupt or Square-Wave Output. This open-drain pin requires an external pullup resistor. It can be
left open if not used. This multifunction pin is determined by the state of the INTCN bit in the Control Register
(0Eh). When INTCN is set to logic 0, this pin outputs a square wave and its frequency is determined by RS2
and RS1 bits. When INTCN is set to logic 1, then a match between the timekeeping registers and either of the
alarm registers activates the INT/SQW pin (if the alarm is enabled). Because the INTCN bit is set to logic 1
when power is first applied, the pin defaults to an interrupt output with alarms disabled.
6
RST
Active-Low Reset. This pin is an open-drain input/output. It indicates the status of VCC relative to the
VPF specification. As VCC falls below VPF, the RST pin is driven low. When VCC exceeds VPF, for tRST, the RST
pin is driven high impedance. The active-low, open-drain output is combined with a debounced pushbutton input
function. This pin can be activated by a pushbutton reset request. It has an internal 50kΩ nominal value pullup
resistor to VCC. No external pullup resistors should be connected. If the crystal oscillator is disabled, tRST is
bypassed and RST immediately goes high.
15
GND
Ground
16
VBAT
Backup Power-Supply Input. If VBAT is not used, connect to ground. Diodes placed in series between the VBAT
pin and the battery can cause improper operation. UL recognized to ensure against reverse charging when
used with a lithium battery. Go to www.maxim-ic.com/qa/info/ul.
17
DIN
SPI Data Input. Used to shift address and data into the device.
18, 20
SCLK
SPI Clock Input. Used to control timing of data into and out of the device. Either clock polarity can be used. The
clock polarity is determined by the device based on the state of SCLK when CS goes low. Pins 18 and 20 are
electrically connected together internally.
19
DOUT
SPI Data Output. Data is output on this pin when the device is in read mode; CMOS push-pull driver.


Similar Part No. - DS3234S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3234S MAXIM-DS3234S Datasheet
282Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3234S- MAXIM-DS3234S- Datasheet
291Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 2; 10/08
DS3234SN MAXIM-DS3234SN Datasheet
282Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3234SN- MAXIM-DS3234SN- Datasheet
291Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 2; 10/08
More results

Similar Description - DS3234S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3234 MAXIM-DS3234_10 Datasheet
282Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3234 MAXIM-DS3234_07 Datasheet
292Kb / 20P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 1; 7/07
DS3234 MAXIM-DS3234_08 Datasheet
291Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 2; 10/08
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com