Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6250X16W Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # A6250X16W
Description  High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

A6250X16W Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button A6250X16W Datasheet HTML 5Page - EM Microelectronic - MARIN SA A6250X16W Datasheet HTML 6Page - EM Microelectronic - MARIN SA A6250X16W Datasheet HTML 7Page - EM Microelectronic - MARIN SA A6250X16W Datasheet HTML 8Page - EM Microelectronic - MARIN SA A6250X16W Datasheet HTML 9Page - EM Microelectronic - MARIN SA A6250X16W Datasheet HTML 10Page - EM Microelectronic - MARIN SA A6250X16W Datasheet HTML 11Page - EM Microelectronic - MARIN SA A6250X16W Datasheet HTML 12Page - EM Microelectronic - MARIN SA A6250X16W Datasheet HTML 13Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
A6250
Timer Clearing and RES Action
The watchdog circuit monitors the activity of the proces-
sor. If the user’s software does not send a pulse to the TCL
input within the programmed open window timeout period
a short watchdog RES pulse is generated which is equal
to T
WD / 40 = 2.5 ms typically (see Fig. 5). With the open
window constraint new security is added to conventional
watchdogs by monitoring both software cycle time and
execution. Should software clear the watchdog too
quickly (incorrect cycle time) or too slowly (incorrect exe-
cution) it will cause the system to be reset. If software is
stuck in a loop which includes the routine to clear the
watchdog then a conventional watchdog would not make
a system reset even though software is malfunctioning;
the A6250 would make a system reset because the watch-
dog would be cleared too quickly. If no TCL signal is ap-
plied before the closed and open windows expire, RES
will start to generate square waves of period (TCW + TOW +
TWDR). The watchdog will remain in this state until the next
TCL falling edge appears during an open window, or until
a fresh power-up sequence. The system enable output,
EN, can be used to prevent critical control functions being
activated in the event of the system going into this failure
mode (see section “Enable - EN Output"). The RES output
must be pulled up to VOUTPUT even if the output is not used
by the system (see Fig. 8).
Combined Voltage and Timer Action
The combination of voltage and timer actions is illustrated
by the sequence of events shown in Fig. 6. On power-up,
when the voltage at V
IN reaches VREF, the power-on-reset,
POR, delay is initialized and holds RES active for the time
of the POR delay. A TCL pulse will have no effect until this
power-on-reset delay is completed. After the POR delay
has elapsed, RES goes inactive and the watchdog timer
starts acting. If no TCL pulse occurs, RES goes active low
for a short time TWDR after each closed and open window
period. A TCL pulse coming during the open window
clears the watchdog timer. When the TCL pulse occurs
too early (during the closed window), RES goes active
and a new timeout sequence starts. A voltage drop below
the VREF level for longer than typically 5 µs overrides the
timer and immediately forces RES active and EN inactive.
Any further TCL pulse has no effect until the next
power-up sequence has completed.
Enable - EN Output
The system enable output, EN, is inactive always when
RES is active and remains inactive after a RES pulse until
the watchdog is serviced correctly 3 consecutive times
(ie. the TCL pulse must come in the open window). After
three consecutive services of the watchdog with TCL dur-
ing the open window, the EN goes active low. A malfunc-
tioning system would be repeatedly reset by the
watchdog. In a conventional system critical motor con-
trols could be energized each time reset goes inactive
(time allowed for the system to restart) and in this way the
electrical motors driven by the system could function out
of control. The A6250 prevents the above failure mode by
using the EN output to disable the motor controls until
software has successfully cleared the watchdog three
times (ie. the system has correctly restarted after a reset
condition).
Typical Application
A6250
Fig. 18


Similar Part No. - A6250X16W

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6250AE3RXX AITSEMI-A6250AE3RXX Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6250AE3VRXX AITSEMI-A6250AE3VRXX Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6250AE5RXX AITSEMI-A6250AE5RXX Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6250AE5VRXX AITSEMI-A6250AE5VRXX Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
More results

Similar Description - A6250X16W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
V6130 ETC-V6130 Datasheet
514Kb / 12P
   Accurate Power Surveillance and Software Monitoring
V6150 ETC1-V6150 Datasheet
169Kb / 12P
   Power Surveillance and Software Monitoring
V6170 ETC1-V6170 Datasheet
165Kb / 12P
   Accurate Voltage Window Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
V6155 EMMICRO-V6155 Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
ABB
M4M ABB-M4M Datasheet
1Mb / 10P
   Accurate electrical measuring and power monitoring.
logo
Level One
FCS-9404 LVL1-FCS-9404 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com