Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SD10-220 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. SD10-220
Description  High Power Density, Low Profile, Shielded Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

SD10-220 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
• Six sizes of shielded drum core inductors with low
profiles (as low as 1.0mm) and high power density
• Inductance range from .47uH to 1000uH
• Current range from 6.00 to 0.088 Amps
• Ferrite shielded, low EMI
Applications
• Digital cameras, CD players, cellular phones, and PDAs
• PCMCIA cards
• GPS systems
Environmental Data
• Storage temperature range: -40C to +125C
• Operating ambient temperature range: -40C to +85C
(range is application specific). Temperature rise is
approximately 40C at rated rms current
• Infrared reflow temperature: +240C for 30 seconds
maximum
Packaging
• Supplied in tape and reel packaging, 3800 (SD10, SD12
and SD18), 2900 (SD20 and SD25), and 3500 (SD52)
per reel
®
SD Series
High Power Density,
Low Profile, Shielded Inductors
(1) Open Circuit Inductance Test Parameters: 100KHz, 0.25Vrms, 0.0Adc.
(2) RMS current for an approximate ∆T of 40°C without core loss. It is
recommended that the temperature of the part not exceed 125°C.
(3) Peak current for approximate 30% roll off at 20°C.
(4) DCR limits @ 20°C.
5) Applied Volt-Time product (V-uS) across the inductor at 100kHz necessary to
generate a core loss equal to 10% of the total losses for 40°C temperature rise.
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (4)
Volt
Inductance
+/-20%
Marking
Amperes
Amperes
(Ω)u-sec
(µH)
(µH)
Typ.
Typ.
SD10-R47
0.470
0.453
A
2.59
3.54
0.0249
2.1
SD10-1R0
1.00
1.119
B
1.93
2.25
0.0448
3.3
SD10-1R5
1.50
1.563
C
1.60
1.91
0.0653
3.9
SD10-2R2
2.20
2.081
D
1.35
1.65
0.0912
4.5
SD10-3R3
3.30
3.339
E
1.24
1.31
0.1078
5.7
SD10-4R7
4.70
4.893
F
1.04
1.08
0.1535
6.9
SD10-6R2
6.20
6.743
G
0.94
0.92
0.1870
8.1
SD10-8R2
8.20
8.889
H
0.800
0.800
0.2607
9.3
SD10-100
10.0
10.07
J
0.760
0.752
0.2888
9.9
SD10-150
15.0
15.55
K
0.613
0.605
0.4429
12.3
SD10-220
22.0
22.21
L
0.498
0.506
0.6718
14.7
SD10-330
33.0
32.20
M
0.412
0.420
0.9807
17.7
SD10-470
47.0
46.63
N
0.337
0.349
1.47
21.3
SD10-680
68.0
70.01
O
0.301
0.285
1.84
26.1
SD10-820
82.0
83.48
P
0.258
0.261
2.50
28.5
SD10-101
100
102.0
Q
0.225
0.236
3.29
31.5
SD10-151
150
149.2
R
0.200
0.195
4.15
38.1
SD10-221
220
222.2
S
0.161
0.160
6.41
46.5
SD10-331
330
330.4
T
0.130
0.131
9.83
56.7
SD10-471
470
468.3
U
0.117
0.110
12.10
67.5
SD12-R47
0.470
0.490
A
3.19
3.86
0.0246
2.84
SD12-1R2
1.20
1.21
B
2.62
2.45
0.0366
4.47
SD12-1R5
1.50
1.69
C
2.19
2.08
0.0521
5.28
SD12-2R2
2.20
2.25
D
1.83
1.80
0.0747
6.09
SD12-3R3
3.30
3.61
E
1.55
1.42
0.1043
7.71
SD12-4R7
4.70
4.41
F
1.46
1.29
0.1177
8.53
SD12-6R2
6.20
6.25
G
1.21
1.08
0.1699
10.15
SD12-8R2
8.20
8.41
H
1.02
0.931
0.2399
11.77
SD12-100
10.0
10.89
J
0.938
0.818
0.2844
13.40
SD12-150
15.0
15.21
K
0.782
0.692
0.4089
15.83
SD12-220
22.0
22.09
L
0.628
0.574
0.6338
19.08
SD12-330
33.0
32.49
M
0.519
0.474
0.9289
23.14
SD12-470
47.0
47.61
N
0.428
0.391
1.37
28.01
SD12-680
68.0
68.89
O
0.341
0.325
2.16
33.70
SD12-820
82.0
82.81
P
0.326
0.297
2.36
36.95
SD12-101
100
98.0
Q
0.308
0.273
2.64
40.19
SD12-151
150
151.3
R
0.251
0.220
3.96
49.94


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn