Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT2907AW Datasheet(PDF) 1 Page - Weitron Technology

Part No. MMBT2907AW
Description  PNP General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT2907AW Datasheet(HTML) 1 Page - Weitron Technology

  MMBT2907AW Datasheet HTML 1Page - Weitron Technology MMBT2907AW Datasheet HTML 2Page - Weitron Technology MMBT2907AW Datasheet HTML 3Page - Weitron Technology MMBT2907AW Datasheet HTML 4Page - Weitron Technology MMBT2907AW Datasheet HTML 5Page - Weitron Technology MMBT2907AW Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PNP General Purpose Transistors
1.FR-5=1.0 x 0.75 x 0.062 in
MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base VOltage
Collector Current-Continuous
Symbol
VCEO
VCBO
VEBO
IC
Unit
Vdc
Vdc
Vdc
mAdc
-600
Rating
Total Device Dissipation FR-5 Board (1)
TA=25 C
Thermal Resistance, Junction to Ambient
Junction and Storage, Temperature
Characteristics
TJ,Tstg
R JA
PD
Symbol
Max
833
-55 to +150
Unit
mW
C/W
C
THERMAL CHARACTERISTICS
MMBT2907AW=20
DEVICE MARKING
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= -10 mAdc, IB=0)
Collector-Base Breakdown Voltage (IC= -10 µAdc, IE=0)
Emitter-Base Breakdown Voltage (IE= -10 µAdc, IC=0)
Collector Cutoff Current (VCE= -30 Vdc, VEB (0ff)= -0.5Vdc)
Collector Cutoff Current
(VCB= -50 Vdc, IE=0)
(VCB= -50Vdc, IE=0, TA=125 C)
Base Cutoff Current (VCE= -30Vdc, VEB(off)= -0.5Vdc)
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICEX
ICBO
IBL
-60
-60
-5.0
-
-
-
-
-
-
-
-
-
-50
-0.010
-10
-50
Vdc
Vdc
Vdc
nAdc
nAdc
nAdc
OFF CHARACTERISTICS
MMBT2907AW
1
2
3
BASE
COLLECTOR
EMITTER
WEITRON
http://www.weitron.com.tw
q
Value
-60
-60
-5.0
150
SOT-323(SC-70)
1
2
3
(2)
2. Pulse Test:Pulse Width=300 us, Duty Cycle 2.0%


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCX17PNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
PEMZ7NPN/PNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
BC557BPNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
LBC856AWT1General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreLeshan Radio Company
2N3906PNP General Purpose Transistors 1 2 3 4 Weitron Technology
MMBT2907PNP General Purpose Transistors 1 2 3 4 5 MoreWeitron Technology
S9015PNP General Purpose Transistors 1 2 3 4 Weitron Technology
2N4403General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreWeitron Technology
MMBT2907ATPNP General Purpose Transistors 1 2 3 4 5 Weitron Technology
2SA1020PNP General Purpose Transistors 1 2 3 4 5 Weitron Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn