Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT2907AW Datasheet(PDF) 4 Page - Weitron Technology

Part No. MMBT2907AW
Description  PNP General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT2907AW Datasheet(HTML) 4 Page - Weitron Technology

  MMBT2907AW Datasheet HTML 1Page - Weitron Technology MMBT2907AW Datasheet HTML 2Page - Weitron Technology MMBT2907AW Datasheet HTML 3Page - Weitron Technology MMBT2907AW Datasheet HTML 4Page - Weitron Technology MMBT2907AW Datasheet HTML 5Page - Weitron Technology MMBT2907AW Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBT2907AW
Ic-COLLECTOR CURRENT (mA)
10
100
1000
250
200
150
100
50
0
Switching Times
vs Collector Current
IB1=IB2=
Ic
10
VCC=15V
ts
tf
tr
td
Ic-COLLECTOR CURRENT (mA)
10
100
1000
Turn On and Turn Off Times
vs Collector Cuttent
500
400
300
200
100
0
IB1=IB2=
Ic
10
VCC=15V
t on
t off
TYPICAL CHARACTERISTICS (CONTINUED)
WEITRON
IC COLLERTOR CURRENT (mA)
10
100
500
50
20
10
5
2
1
tr=15V
30ns
60ns
Rise Time vs Collector
and Turn On Base Current
http://www.weitron.com.tw


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BCX17 PNP general purpose transistors 1  2  3  4  5  More NXP Semiconductors
PEMZ7 NPN/PNP general purpose transistors 1  2  3  4  5  More NXP Semiconductors
BC557B PNP general purpose transistors 1  2  3  4  5  More NXP Semiconductors
LBC856AWT1 General Purpose Transistors PNP Silicon 1  2  3  4  5  More Leshan Radio Company
2N3906 PNP General Purpose Transistors 1  2  3  4  Weitron Technology
MMBT2907 PNP General Purpose Transistors 1  2  3  4  5  More Weitron Technology
S9015 PNP General Purpose Transistors 1  2  3  4  Weitron Technology
2N4403 General Purpose Transistors PNP Silicon 1  2  3  4  5  More Weitron Technology
MMBT2907AT PNP General Purpose Transistors 1  2  3  4  5  Weitron Technology
2SA1020 PNP General Purpose Transistors 1  2  3  4  5  Weitron Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn