Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT2907 Datasheet(PDF) 4 Page - Weitron Technology

Part No. MMBT2907
Description  PNP General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo 

MMBT2907 Datasheet(HTML) 4 Page - Weitron Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBT2907
MMBT2907A
Ic-COLLECTOR CURRENT (mA)
10
100
1000
250
200
150
100
50
0
FIG.7 Switching Times
vs Collector Current
IB1=IB2=
Ic
10
VCC=15V
ts
tf
tr
td
Ic-COLLECTOR CURRENT (mA)
10
100
1000
FIG.8 Turn On and Turn Off Times
vs Collector Cuttent
500
400
300
200
100
0
IB1=IB2=
Ic
10
VCC=15V
t on
t off
Typical Characteristics(Continued)
WEITRON
IC COLLERTOR CURRENT (mA)
10
100
500
50
20
10
5
2
1
tr=15V
30ns
60ns
FIG.9 Rise Time vs Collector
and Turn On Base Current
FIG.10 Power Dissipation
vs Ambient Temperature
TEMPERATURE ( C)
0
25
50
75
100
125
150
1
0.75
0.5
0.25
0
SOT-23
http://www.weitron.com.tw


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCX17PNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
PEMZ7NPN/PNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
BC557BPNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
LBC856AWT1General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreLeshan Radio Company
2N3906PNP General Purpose Transistors 1 2 3 4 Weitron Technology
MMBT2907ATPNP General Purpose Transistors 1 2 3 4 5 Weitron Technology
S9015PNP General Purpose Transistors 1 2 3 4 Weitron Technology
2N4403General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreWeitron Technology
MMBT2907AWPNP General Purpose Transistors 1 2 3 4 5 MoreWeitron Technology
2SA1020PNP General Purpose Transistors 1 2 3 4 5 Weitron Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn