Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F251A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F251A
Description  8-input multiplexer 3-State
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F251A Datasheet(HTML) 1 Page - NXP Semiconductors

  74F251A Datasheet HTML 1Page - NXP Semiconductors 74F251A Datasheet HTML 2Page - NXP Semiconductors 74F251A Datasheet HTML 3Page - NXP Semiconductors 74F251A Datasheet HTML 4Page - NXP Semiconductors 74F251A Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
74F251A
8-input multiplexer (3-State)
1
1996 Jan 05
853–0358 16191
FEATURES
High speed 8-to-1 multiplexing
On chip decoding
Multifunction capability
Inverting and Non-Inverting outputs
Both outputs are 3-State for further multiplexer expansion
DESCRIPTION
The 74F251A is a logic implementation of a single 8-position switch
with the switch position controlled by the state of three Select (S0,
S1, S2) inputs. True (Y) and complementary (Y) outputs are both
provided. The output enable (OE) is active Low. When OE is High,
both outputs are in High impedance state, allowing multiple output
connections to a common bus without driving nor loading the bus
significantly. All but one device must be in High impedance state to
avoid high currents that would exceed the maximum ratings when
the outputs of the 3-State devices are tied together. When the output
of more than one device is tied together the user must ensure that
there is no overlap in the active Low portion of the output enable
voltages.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
OE
VCC
I7
S0
S1
I6
I4
I5
I3
I2
Y
I1
I0
Y
9
8
GND
S2
SF00778
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F251A
4.5ns
19mA
ORDERING INFORMATION
DESCRIPTION
ORDER CODE
PKG
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG
DWG #
16-pin plastic DIP
N74F251AN
SOT38-4
16-pin plastic SO
N74F251AD
SOT162-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
I0–I7
Data inputs
1.0/1.0
20
µA/0.6mA
S0–S2
Select inputs
1.0/1.0
20
µA/0.6mA
OE
Output Enable input (active Low)
1.0/1.0
20
µA/0.6mA
Y, Y
Data outputs
150/40
3mA/24mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
1
2
3
VCC = Pin 16
GND = Pin 8
SF00779
6
5
11
10
9
S0
S1
S2
7
4
12
13
14
15
OE
YY
I0
I1
I2
I3
I4
I5
I6
I7
IEC/IEEE SYMBOL
SF00780
MUX
7
11
3
2
1
5
6
0
G
0
7
10
2
EN
9
4
14
13
12
15


Similar Part No. - 74F251A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F251A FAIRCHILD-74F251A Datasheet
58Kb / 6P
   8-Input Multiplexer with 3-STATE Outputs
74F251A FAIRCHILD-74F251A Datasheet
81Kb / 7P
   8-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
74F251A TI1-74F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
74F251APC NSC-74F251APC Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F251APC FAIRCHILD-74F251APC Datasheet
58Kb / 6P
   8-Input Multiplexer with 3-STATE Outputs
More results

Similar Description - 74F251A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
74HC_HCT251 PHILIPS-74HC_HCT251_15 Datasheet
177Kb / 20P
   8-input multiplexer; 3-state
Rev. 3-9 July 2013
logo
List of Unclassifed Man...
74HC356 ETC1-74HC356 Datasheet
337Kb / 8P
   8-INPUT MULTIPLEXER / RESISTER 3-STATE
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com