Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4758A Datasheet(PDF) 2 Page - Weitron Technology

Part # DL4758A
Description  Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DL4758A Datasheet(HTML) 2 Page - Weitron Technology

  DL4758A Datasheet HTML 1Page - Weitron Technology DL4758A Datasheet HTML 2Page - Weitron Technology DL4758A Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
http://www.weitron.com.tw
DL4728A thru DL4761A
Absolute Maximum Ratings (Tj=25°C)
Parameter
Parameter
Parameter
Symbol
Value
Value
Unit
Power dissipation
Tamb ≤50°C
P V
1
W
Z-current
IZ
PV/VZ
mA
Junction temperature
T j
200
°C
Storage temperature range
T stg
-65~+175
°C
Maximum Thermal Resistance (Tj=25°C)
Symbol
Unit
Junction ambient
I=9.5mm (3/8”) T L=constant
RθJA
100
K/W
Electrical Characteristics (Tj=25°C)
Symbol
Min Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.2
-
-
V
2/3
24-Oct-05


Similar Part No. - DL4758A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4758A RECTRON-DL4758A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
SeCoS Halbleitertechnol...
DL4758A SECOS-DL4758A Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Formosa MS
DL4758A FORMOSA-DL4758A Datasheet
82Kb / 3P
   Zener diode
logo
Shenzhen Luguang Electr...
DL4758A LUGUANG-DL4758A Datasheet
496Kb / 3P
   Zener Diode
logo
Formosa MS
DL4758A FORMOSA-DL4758A Datasheet
56Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - DL4758A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com