Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144WE Datasheet(PDF) 3 Page - Weitron Technology

Part # DTA144WE
Description  Bias Resistor Transistor PNP Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTA144WE Datasheet(HTML) 3 Page - Weitron Technology

  DTA144WE Datasheet HTML 1Page - Weitron Technology DTA144WE Datasheet HTML 2Page - Weitron Technology DTA144WE Datasheet HTML 3Page - Weitron Technology DTA144WE Datasheet HTML 4Page - Weitron Technology DTA144WE Datasheet HTML 5Page - Weitron Technology DTA144WE Datasheet HTML 6Page - Weitron Technology DTA144WE Datasheet HTML 7Page - Weitron Technology DTA144WE Datasheet HTML 8Page - Weitron Technology DTA144WE Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
WEITRON
http://www.weitron.com.tw
Characteristics
Symbol
(TA=25 C Unless Otherwise noted)
DTA114EE Series
3/13
12-Jun-06
DTA114EE
DTA124EE
DTA144EE
DTA114YE
DTA114TE
DTA143TE
DTA123EE
DTA143EE
DTA143ZE
DTA124XE
DTA123JE
DTA115EE
DTA144WE
WEITRON
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
60
100
140
140
250
250
15
27
140
130
140
150
140
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
DC Current Gain
VCE=-10V, IC=5.0mA
DTA114EE
DTA124EE
DTA144EE
DTA114YE
DTA114TE
DTA143TE
DTA123EE
DTA143EE
DTA143ZE
DTA124XE
DTA123JE
DTA115EE
DTA144WE
DTA123EE
DTA114TE / DTA143TE
DTA143ZE / DTA124XE
DTA143EE
VCE(sat)
-
-
0.25
-
Collector-Emitter Saturation Voltage
IC=10mA, IE=0.3mA
IC=10mA, IE=5.0mA
IC=10mA, IE=1.0mA
On Characteristics(3)
Output Voltage(on)
VCC=5.0V, VB=2.5V RL=1.0KΩ
V
VOL
-
-
0.2
VCC=5.0V, VB=4.0V RL=1.0KΩ
VCC=5.0V, VB=5.5V RL=1.0KΩ
VCC=5.0V, VB=3.5V RL=1.0KΩ
Min
Typ
Max
Unit
Electrical Characteristics
3. Pulse Test: Pulse Width < 300us, Duty Cycle < 2.0%


Similar Part No. - DTA144WE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144WE ROHM-DTA144WE Datasheet
67Kb / 3P
   Digital transistors (built-in resistors)
DTA144WE ROHM-DTA144WE Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
ON Semiconductor
DTA144WE ONSEMI-DTA144WE Datasheet
138Kb / 11P
   Digital Transistors (BRT) R1 = 47 k, R2 = 22 k
September, 2012 ??Rev. 1
DTA144WE ONSEMI-DTA144WE Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
logo
Rohm
DTA144WE ROHM-DTA144WE Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistors
More results

Similar Description - DTA144WE

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com