Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F242 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F242
Description  Quad transceiver, inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F242 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F242 Datasheet HTML 2Page - NXP Semiconductors 74F242 Datasheet HTML 3Page - NXP Semiconductors 74F242 Datasheet HTML 4Page - NXP Semiconductors 74F242 Datasheet HTML 5Page - NXP Semiconductors 74F242 Datasheet HTML 6Page - NXP Semiconductors 74F242 Datasheet HTML 7Page - NXP Semiconductors 74F242 Datasheet HTML 8Page - NXP Semiconductors 74F242 Datasheet HTML 9Page - NXP Semiconductors 74F242 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74F242/74F243
Transceivers
1990 Aug 30
6
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An, Bn to Bn, An
Waveform
NO TAG
2.5
2.0
3.5
3.0
6.0
4.5
2.5
2.0
7.0
4.5
ns
tPZH
tPZL
Output Enable time
to High or Low level
74F242
Waveform 3
Waveform 4
3.0
3.5
4.0
6.5
7.0
9.0
3.0
3.5
8.0
10.5
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 3
Waveform 4
3.5
3.5
5.5
6.0
8.5
9.5
3.5
3.5
9.0
11.0
ns
tPLH
tPHL
Propagation delay
An, Bn to Bn, An
Waveform 2
2.5
2.5
4.0
4.0
5.2
5.2
2.0
2.0
6.2
6.5
ns
tPZH
tPZL
Output Enable time
to High or Low level
74F243
Waveform 3
Waveform 4
2.0
2.0
4.5
5.0
5.7
7.5
2.0
2.0
6.7
8.5
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 3
Waveform 4
2.0
2.0
4.0
4.5
6.0
6.0
2.0
2.0
7.0
7.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
An, Bn
Bn, An
tPHL
VM
VM
VM
VM
tPLH
SF00773
Waveform 1.
For Inverting Outputs
VM
VM
VM
VM
Bn, An
An, Bn
tPLH
tPHL
SF00202
Waveform 2.
For Non-Inverting Outputs
VM
VM
VM
tPLZ
tPZH
VOH –0.3V
OEA
OEB
An, Bn
SF00775
0V
Waveform 3.
3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
OEA
OEB
An, Bn
SF00776
Waveform 4.
3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Similar Part No. - 74F242

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F240 NSC-74F240 Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
logo
NXP Semiconductors
74F240 PHILIPS-74F240 Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240 Datasheet
66Kb / 7P
   Octal Buffers/Line Drivers with 3-STATE Outputs
74F240 FAIRCHILD-74F240 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
74F240 FAIRCHILD-74F240 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
More results

Similar Description - 74F242

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC242 PHILIPS-74HC242 Datasheet
49Kb / 7P
   Quad bus transceiver; 3-state; inverting
December 1990
logo
National Semiconductor ...
MM74HC242 NSC-MM74HC242 Datasheet
134Kb / 6P
   Inverting Quad TRI-STATE Transceiver
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
logo
STMicroelectronics
M54HC620 STMICROELECTRONICS-M54HC620 Datasheet
258Kb / 11P
   OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
NXP Semiconductors
74F2952 PHILIPS-74F2952 Datasheet
142Kb / 14P
   Registered transceiver, non-inverting 3-State
1989 Sep 22
logo
Integral Corp.
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com