Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143TE Datasheet(PDF) 11 Page - Weitron Technology

Part # DTA143TE
Description  Bias Resistor Transistor PNP Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTA143TE Datasheet(HTML) 11 Page - Weitron Technology

Back Button DTA143TE Datasheet HTML 5Page - Weitron Technology DTA143TE Datasheet HTML 6Page - Weitron Technology DTA143TE Datasheet HTML 7Page - Weitron Technology DTA143TE Datasheet HTML 8Page - Weitron Technology DTA143TE Datasheet HTML 9Page - Weitron Technology DTA143TE Datasheet HTML 10Page - Weitron Technology DTA143TE Datasheet HTML 11Page - Weitron Technology DTA143TE Datasheet HTML 12Page - Weitron Technology DTA143TE Datasheet HTML 13Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS — DTA115EET1
75°C
25°C
−25°C
Figure 29. Maximum Collector Voltage versus
Collector Current
Figure 30. DC Current Gain
Figure 31. Output Capacitance
Figure 32. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 33. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
7
6
5
4
3
2
1
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.01
1000
1.2
0.6
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
100
6
5
4
3
2
1
0
0.1
1
10
10
9
8
7
100
12
10
8
6
4
2
0
1
10
18
16
14
20
IC/IB = 10
75°C
25°C
TA = −25°C
VCE = 10 V
75°C
25°C
TA = −25°C
VO = 5 V
VO = 0.2 V
75°C
25°C
TA = −25°C
f = 1 MHz
IE = 0 V
TA = 25°C
DTA114EE Series
11/13
12-Jun-06
WEITRON
WEITRON
http://www.weitron.com.tw


Similar Part No. - DTA143TE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143TE ROHM-DTA143TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
logo
Galaxy Semi-Conductor H...
DTA143TE BILIN-DTA143TE Datasheet
98Kb / 3P
   Digital Transistor
logo
Jiangsu Changjiang Elec...
DTA143TE JIANGSU-DTA143TE Datasheet
122Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA143TE ROHM-DTA143TE Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
20180419 - Rev.002
DTA143TE ROHM-DTA143TE Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
More results

Similar Description - DTA143TE

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com