Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM25LV512 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM25LV512
Description  512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory With 25 MHz SPI Bus Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM25LV512 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM25LV512 Datasheet HTML 1Page - PMC-Sierra, Inc PM25LV512 Datasheet HTML 2Page - PMC-Sierra, Inc PM25LV512 Datasheet HTML 3Page - PMC-Sierra, Inc PM25LV512 Datasheet HTML 4Page - PMC-Sierra, Inc PM25LV512 Datasheet HTML 5Page - PMC-Sierra, Inc PM25LV512 Datasheet HTML 6Page - PMC-Sierra, Inc PM25LV512 Datasheet HTML 7Page - PMC-Sierra, Inc PM25LV512 Datasheet HTML 8Page - PMC-Sierra, Inc PM25LV512 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Programmable Microelectronics Corp.
Issue Date: December, 2003, Rev: 1.3
PMC
Pm25LV512/010
PIN DESCRIPTIONS
L
O
B
M
Y
SE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
#
E
CT
U
P
N
I
r
o
f
s
e
i
r
t
i
u
c
r
i
c
l
a
n
r
e
t
n
i
s
'
e
c
i
v
e
d
e
h
t
s
e
t
a
v
i
t
c
a
w
o
l
s
e
o
g
#
E
C
:
e
l
b
a
n
E
p
i
h
C
o
t
n
i
s
e
h
c
t
i
w
s
d
n
a
e
c
i
v
e
d
e
h
t
s
t
c
e
l
e
s
e
d
h
g
i
h
s
e
o
g
#
E
C
.
n
o
i
t
a
r
e
p
o
e
c
i
v
e
d
t
o
n
s
i
e
c
i
v
e
d
e
h
t
n
e
h
W
.
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
p
e
h
t
e
c
u
d
e
r
o
t
e
d
o
m
y
b
d
n
a
t
s
e
h
t
d
n
a
,
)
l
S
(
n
i
p
t
u
p
n
i
l
a
i
r
e
s
e
h
t
a
i
v
d
e
t
p
e
c
c
a
e
b
t
o
n
l
l
i
w
a
t
a
d
,
d
e
t
c
e
l
e
s
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
h
g
i
h
a
n
i
n
i
a
m
e
r
l
l
i
w
)
O
S
(
n
i
p
t
u
p
t
u
o
l
a
i
r
e
s
K
C
ST
U
P
N
Ik
c
o
l
C
a
t
a
D
l
a
i
r
e
S
I
ST
U
P
N
It
u
p
n
I
a
t
a
D
l
a
i
r
e
S
O
ST
U
P
T
U
Ot
u
p
t
u
O
a
t
a
D
l
a
i
r
e
S
D
N
Gd
n
u
o
r
G
c
c
Vy
l
p
p
u
S
r
e
w
o
P
e
c
i
v
e
D
#
P
WT
U
P
N
I
l
l
a
,
"
1
"
s
i
t
i
b
N
E
P
W
d
n
a
w
o
l
o
t
t
h
g
u
o
r
b
n
i
p
#
P
W
e
h
t
n
e
h
W
:
t
c
e
t
o
r
P
e
t
i
r
W
.
d
e
t
i
b
i
h
n
i
e
r
a
r
e
t
s
i
g
e
r
s
u
t
a
t
s
e
h
t
o
t
s
n
o
i
t
a
r
e
p
o
e
t
i
r
w
#
D
L
O
HT
U
P
N
I
t
u
o
h
t
i
w
e
c
i
v
e
d
r
e
t
s
a
m
e
h
t
h
t
i
w
n
o
i
t
a
c
i
n
u
m
m
o
c
l
a
i
r
e
s
e
s
u
a
P
:
d
l
o
H
.
e
c
n
e
u
q
e
s
l
a
i
r
e
s
e
h
t
g
n
i
t
t
e
s
e
r
CONNECTION DIAGRAMS
8-Pin SOIC
5
6
7
8
1
2
3
4
Vcc
HOLD#
SCK
SI
SO
GND
WP#
CE#
8-Contact WSON
5
6
7
8
1
2
3
4
Vcc
HOLD#
SCK
SI
SO
GND
WP#
CE#
Top View


Similar Part No. - PM25LV512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV512A ETC1-PM25LV512A Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
More results

Similar Description - PM25LV512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LV020 ETC1-PM25LV020 Datasheet
628Kb / 36P
   512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
   512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
   512-Kbit, serial flash memory, 50 MHz SPI bus interface
logo
STMicroelectronics
M25P10-A STMICROELECTRONICS-M25P10-A Datasheet
589Kb / 41P
   1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
SPANSION
S25FL002D SPANSION-S25FL002D Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25PXX STMICROELECTRONICS-M25PXX Datasheet
128Kb / 7P
   512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com