Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847CT Datasheet(PDF) 1 Page - Weitron Technology

Part # BC847CT
Description  General Purpose Transistor NPN Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC847CT Datasheet(HTML) 1 Page - Weitron Technology

  BC847CT Datasheet HTML 1Page - Weitron Technology BC847CT Datasheet HTML 2Page - Weitron Technology BC847CT Datasheet HTML 3Page - Weitron Technology BC847CT Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Transistor
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Symbol
VCEO
Value
45
Unit
Rating
1
2
3
3
BASE
COLLECTOR
EMITTER
IC
VCBO
VEBO
50
6.0
mAdc
Vdc
Vdc
Vdc
Collector Current-Continuous
100
1.FR-5=1.0 x 0.75 x 0.062 in.
Device Marking
http://www.weitron.com.tw
WEITRON
M aximum R atings ( TA=25 C unless otherwise noted)
Total Device Dissipation FR-5 Board
(1)TA=25 C
Derate above 25 C
Thermal Resistance, Junction to Ambient
Junction and Storage,Temperature Range
Characteristics
TJ,Tstg
R JA
PD
Symbol
Max
Unit
mW
mW/ C
C/W
C
Thermal Characteristics
(1)
150
2.4
833
-55 to +150
SC-89
(SOT-523F)
3
2
1
NPN Silicon
BC847A=1E; BC847B=1F;BC847C=1G
BC847AT/BT/CT


Similar Part No. - BC847CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847CT PHILIPS-BC847CT Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 26
BC847CT NXP-BC847CT Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Diodes Incorporated
BC847CT DIODES-BC847CT Datasheet
59Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30274 Rev. A-2
logo
NXP Semiconductors
BC847CT PHILIPS-BC847CT Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Infineon Technologies A...
BC847CT INFINEON-BC847CT Datasheet
229Kb / 9P
   NPN Silicon AF Transistors
Aug-01-2002
More results

Similar Description - BC847CT

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com