Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F2245N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # N74F2245N
Description  Octal transceiver with 30ohm equivalent output termination 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F2245N Datasheet(HTML) 3 Page - NXP Semiconductors

  N74F2245N Datasheet HTML 1Page - NXP Semiconductors N74F2245N Datasheet HTML 2Page - NXP Semiconductors N74F2245N Datasheet HTML 3Page - NXP Semiconductors N74F2245N Datasheet HTML 4Page - NXP Semiconductors N74F2245N Datasheet HTML 5Page - NXP Semiconductors N74F2245N Datasheet HTML 6Page - NXP Semiconductors N74F2245N Datasheet HTML 7Page - NXP Semiconductors N74F2245N Datasheet HTML 8Page - NXP Semiconductors N74F2245N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F2245
Octal transceiver with 30
W equivalent output termination
(3-State)
1996 May 10
3
LOGIC SYMBOL
B2
B3
B4
B5
16
15
14
13
23
4
VCC = Pin 20
GND = Pin 10
SF00199
B1
17
B0
18
19
1
OE
T/R
A0
A1
A2
A3
A4
A5
56
7
B6
B7
12
11
A6
A7
89
IEC/IEEE SYMBOL
SF00200
G3
19
3EN1 (BA)
1
3EN1 (AB)
∇ 1
2
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
LOGIC DIAGRAM
SF00201
18
B0
17
B1
16
B2
15
B3
14
B4
13
B5
12
B6
11
B7
A0
A1
A2
A3
A4
A5
A6
A7
23
4567
89
19
1
OE
T/R
VCC = Pin 20
GND = Pin 10
FUNCTION TABLE
INPUTS
OUTPUTS
OE
T/R
OUTPUTS
L
L
Bus B data to Bus A
L
H
Bus A data to Bus B
H
X
Z
H = High voltage level
L = Low voltage level
X = Don’t care
Z = High impedance “off” state


Similar Part No. - N74F2245N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F2240D PHILIPS-N74F2240D Datasheet
96Kb / 10P
   Octal inverter buffer with 30ohm equivalent output termination 3-State
1990 Dec 13
N74F2240N PHILIPS-N74F2240N Datasheet
96Kb / 10P
   Octal inverter buffer with 30ohm equivalent output termination 3-State
1990 Dec 13
N74F2241D PHILIPS-N74F2241D Datasheet
96Kb / 10P
   Octal inverter buffer with 30ohm equivalent output termination 3-State
1990 Dec 13
N74F2241N PHILIPS-N74F2241N Datasheet
96Kb / 10P
   Octal inverter buffer with 30ohm equivalent output termination 3-State
1990 Dec 13
N74F2244D PHILIPS-N74F2244D Datasheet
95Kb / 10P
   Octal buffer with 30ohm equivalent output termination 3-State
1994 Dec 5
More results

Similar Description - N74F2245N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F2244 PHILIPS-74F2244 Datasheet
95Kb / 10P
   Octal buffer with 30ohm equivalent output termination 3-State
1994 Dec 5
74F2373 PHILIPS-74F2373 Datasheet
84Kb / 10P
   Octal transparent latch with 30ohm equivalent output termination 3-State
1999 Feb 01
74F2240 PHILIPS-74F2240 Datasheet
96Kb / 10P
   Octal inverter buffer with 30ohm equivalent output termination 3-State
1990 Dec 13
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
   Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com