Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430X43X Datasheet(PDF) 28 Page - Texas Instruments

Part No. MSP430X43X
Description  Mixed signal microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430X43X Datasheet(HTML) 28 Page - Texas Instruments

Back Button MSP430X43X Datasheet HTML 24Page - Texas Instruments MSP430X43X Datasheet HTML 25Page - Texas Instruments MSP430X43X Datasheet HTML 26Page - Texas Instruments MSP430X43X Datasheet HTML 27Page - Texas Instruments MSP430X43X Datasheet HTML 28Page - Texas Instruments MSP430X43X Datasheet HTML 29Page - Texas Instruments MSP430X43X Datasheet HTML 30Page - Texas Instruments MSP430X43X Datasheet HTML 31Page - Texas Instruments MSP430X43X Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344B – JANUARY 2002 – REVISED OCTOBER 2002
28
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
Current consumption of active mode versus system frequency, F-version:
I(AM) = I(AM) [1 MHz] × f(System) [MHz]
Current consumption of active mode versus supply voltage, F-version:
I(AM) = I(AM) [3 V] + 175 µA/V × (VCC – 3 V)
SCHMITT-trigger inputs – ports P1, P2, P3, P4, P5, and P6; RST/NMI; JTAG: TCK, TMS, TDI, TDO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
Positi e going inp t threshold oltage
VCC = 2.2 V
1.1
1.5
V
VIT+
Positive-going input threshold voltage
VCC = 3 V
1.5
1.9
V
V
Negati e going inp t threshold oltage
VCC = 2.2 V
0.4
0.9
V
VIT–
Negative-going input threshold voltage
VCC = 3 V
0.9
1.3
V
Vh
Input voltage hysteresis (VIT
VIT )
VCC = 2.2 V
0.3
1.1
V
Vhys
Input voltage hysteresis (VIT+ – VIT–)
VCC = 3 V
0.5
1
V
outputs – ports P1, P2, P3, P4, P5, and P6
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH(max) = –1.5 mA, VCC = 2.2 V,
See Note 1
VCC–0.25
VCC
V
High level output voltage
IOH(max) = –6 mA,
VCC = 2.2 V,
See Note 2
VCC–0.6
VCC
V
VOH
High-level output voltage
IOH(max) = –1.5 mA, VCC = 3 V,
See Note 1
VCC–0.25
VCC
V
IOH(max) = –6 mA,
VCC = 3 V,
See Note 2
VCC–0.6
VCC
IOL(max) = 1.5 mA,
VCC = 2.2 V,
See Note 1
VSS
VSS+0.25
VOL
Low level output voltage
IOL(max) = 6 mA,
VCC = 2.2 V,
See Note 2
VSS
VSS+0.6
V
VOL
Low-level output voltage
IOL(max) = 1.5 mA,
VCC = 3 V,
See Note 1
VSS
VSS+0.25
V
IOL(max) = 6 mA,
VCC = 3 V,
See Note 2
VSS
VSS+0.6
NOTES:
1. The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±12 mA to satisfy the maximum
specified voltage drop.
2. The maximum total current, IOH(max) and IOL(max), for all outputs combined, should not exceed ±48 mA to satisfy the maximum
specified voltage drop.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSP430F1122 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F1101A MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430X15X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C11X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F11X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C13X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430FW42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F1612 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430FE42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn