Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430X43X Datasheet(PDF) 9 Page - Texas Instruments

Part # MSP430X43X
Description  Mixed signal microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430X43X Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430X43X Datasheet HTML 5Page - Texas Instruments MSP430X43X Datasheet HTML 6Page - Texas Instruments MSP430X43X Datasheet HTML 7Page - Texas Instruments MSP430X43X Datasheet HTML 8Page - Texas Instruments MSP430X43X Datasheet HTML 9Page - Texas Instruments MSP430X43X Datasheet HTML 10Page - Texas Instruments MSP430X43X Datasheet HTML 11Page - Texas Instruments MSP430X43X Datasheet HTML 12Page - Texas Instruments MSP430X43X Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344C – JANUARY 2002 – REVISED MARCH2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MSP430x44x Terminal Functions
TERMINAL
PN
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DVCC1
1
Digital supply voltage, positive terminal. Supplies all digital parts
P6.3/A3
2
I/O
General-purpose digital I/O, analog input a3—12-bit ADC
P6.4/A4
3
I/O
General-purpose digital I/O, analog input a4—12-bit ADC
P6.5/A5
4
I/O
General-purpose digital I/O, analog input a5—12-bit ADC
P6.6/A6
5
I/O
General-purpose digital I/O, analog input a6—12-bit ADC
P6.7/A7/SVSin
6
I/O
General-purpose digital I/O, analog input a7—12-bit ADC, analog input to brownout, supply voltage
supervisor
VREF+
7
O
Output of positive terminal of the reference voltage in the ADC
XIN
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT/TCLK
9
I/O
Output terminal of crystal oscillator XT1 or test clock input
VeREF+
10
I
Input for an external reference voltage to the ADC
VREF–/VeREF–
11
I
Negative terminal for the ADC’s reference voltage for both sources, the internal reference voltage, or an
external applied reference voltage
P5.1/S0
12
O
General-purpose digital I/O, LCD segment output 0
P5.0/S1
13
O
General-purpose digital I/O, LCD segment output 1
S2
14
O
LCD segment output 2
S3
15
O
LCD segment output 3
S4
16
O
LCD segment output 4
S5
17
O
LCD segment output 5
S6
18
O
LCD segment output 6
S7
19
O
LCD segment output 7
S8
20
O
LCD segment output 8
S9
21
O
LCD segment output 9
S10
22
O
LCD segment output 10
S11
23
O
LCD segment output 11
S12
24
O
LCD segment output 12
S13
25
O
LCD segment output 13
S14
26
O
LCD segment output 14
S15
27
O
LCD segment output 15
S16
28
O
LCD segment output 16
S17
29
O
LCD segment output 17
S18
30
O
LCD segment output 18
S19
31
O
LCD segment output 19
S20
32
O
LCD segment output 20
S21
33
O
LCD segment output 21
S22
34
O
LCD segment output 22
S23
35
O
LCD segment output 23
S24
36
O
LCD segment output 24
S25
37
O
LCD segment output 25
S26
38
O
LCD segment output 26
S27
39
O
LCD segment output 27
S28
40
O
LCD segment output 28


Similar Part No. - MSP430X43X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X TI-MSP430X43X Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X43X TI-MSP430X43X Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X43X TI1-MSP430X43X Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430X43X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com