Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430X43X Datasheet(PDF) 6 Page - Texas Instruments

Part No. MSP430X43X
Description  Mixed signal microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430X43X Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430X43X Datasheet HTML 2Page - Texas Instruments MSP430X43X Datasheet HTML 3Page - Texas Instruments MSP430X43X Datasheet HTML 4Page - Texas Instruments MSP430X43X Datasheet HTML 5Page - Texas Instruments MSP430X43X Datasheet HTML 6Page - Texas Instruments MSP430X43X Datasheet HTML 7Page - Texas Instruments MSP430X43X Datasheet HTML 8Page - Texas Instruments MSP430X43X Datasheet HTML 9Page - Texas Instruments MSP430X43X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344C – JANUARY 2002 – REVISED MARCH2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MSP430x43x Terminal Functions
TERMINAL
PN
I/O
PZ
I/O
DESCRIPTION
NAME
NO.
I/O
NAME
NO.
I/O
DESCRIPTION
DVCC1
1
DVCC1
1
Digital supply voltage, positive terminal. Supplies all digital parts
P6.3/A3
2
I/O
P6.3/A3
2
I/O
General-purpose digital I/O, analog input a3—12-bit ADC
P6.4/A4
3
I/O
P6.4/A4
3
I/O
General-purpose digital I/O, analog input a4—12-bit ADC
P6.5/A5
4
I/O
P6.5/A5
4
I/O
General-purpose digital I/O, analog input a5—12-bit ADC
P6.6/A6
5
I/O
P6.6/A6
5
I/O
General-purpose digital I/O, analog input a6—12-bit ADC
P6.7/A7/SVSin
6
I/O
P6.7/A7/SVSin
6
I/O
General-purpose digital I/O, analog input a7—12-bit ADC, analog input
to brownout, supply voltage supervisor
VREF+
7
O
VREF+
7
O
Output of positive terminal of the reference voltage in the ADC
XIN
8
I
XIN
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be
connected.
XOUT/TCLK
9
I/O
XOUT/TCLK
9
I/O
Output terminal of crystal oscillator XT1 or test clock input
VeREF+
10
I
VeREF+
10
I
Input for an external reference voltage to the ADC
VREF–/VeREF–
11
I
VREF–/VeREF–
11
I
Negative terminal for the ADC’s reference voltage for both sources, the
internal reference voltage, or an external applied reference voltage.
P5.1/S0
12
I/O
P5.1/S0
12
I/O
General-purpose I/O / LCD segment output 0
P5.0/S1
13
I/O
P5.0/S1
13
I/O
General-purpose I/O / LCD segment output 1
P4.7/S2
14
I/O
S2
14
O
General-purpose I/O / LCD segment output 2
P4.6/S3
15
I/O
S3
15
O
General-purpose I/O / LCD segment output 3
P4.5/S4
16
I/O
S4
16
O
General-purpose I/O / LCD segment output 4
P4.4/S5
17
I/O
S5
17
O
General-purpose I/O / LCD segment output 5
P4.3/S6
18
I/O
S6
18
O
General-purpose I/O / LCD segment output 6
P4.2/S7
19
I/O
S7
19
O
General-purpose I/O / LCD segment output 7
P4.1/S8
20
I/O
S8
20
O
General-purpose I/O / LCD segment output 8
P4.0/S9
21
I/O
S9
21
O
General-purpose I/O / LCD segment output 9
S10
22
O
S10
22
O
LCD segment output 10
S11
23
O
S11
23
O
LCD segment output 11
S12
24
O
S12
24
O
LCD segment output 12
S13
25
O
S13
25
O
LCD segment output 13
S14
26
O
S14
26
O
LCD segment output 14
S15
27
O
S15
27
O
LCD segment output 15
S16
28
O
S16
28
O
LCD segment output 16
S17
29
O
S17
29
O
LCD segment output 17
P2.7/ADC12CLK/
S18
30
I/O
S18
30
O
General-purpose digital I/O / conversion clock—12-bit ADC
LCD segment output 18
P2.6/CAOUT/S19
31
I/O
S19
31
O
General-purpose digital I/O / Comparator_A output / LCD segment
output 19
S20
32
O
S20
32
O
LCD segment output 20
S21
33
O
S21
33
O
LCD segment output 21
S22
34
O
S22
34
O
LCD segment output 22
S23
35
O
S23
35
O
LCD segment output 23
P3.7/S24
36
I/O
S24
36
O
General-purpose digital I/O / LCD segment output 24
P3.6/S25
37
I/O
S25
37
O
General-purpose digital I/O / LCD segment output 25
P3.5/S26
38
I/O
S26
38
O
General-purpose digital I/O / LCD segment output 26
P3.4/S27
39
I/O
S27
39
O
General-purpose digital I/O / LCD segment output 27


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSP430F1122 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F1101A MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430X15X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C11X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F11X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C13X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430FW42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F1612 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430FE42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn