Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430X43X Datasheet(PDF) 35 Page - Texas Instruments

Part # MSP430X43X
Description  Mixed signal microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430X43X Datasheet(HTML) 35 Page - Texas Instruments

Back Button MSP430X43X Datasheet HTML 31Page - Texas Instruments MSP430X43X Datasheet HTML 32Page - Texas Instruments MSP430X43X Datasheet HTML 33Page - Texas Instruments MSP430X43X Datasheet HTML 34Page - Texas Instruments MSP430X43X Datasheet HTML 35Page - Texas Instruments MSP430X43X Datasheet HTML 36Page - Texas Instruments MSP430X43X Datasheet HTML 37Page - Texas Instruments MSP430X43X Datasheet HTML 38Page - Texas Instruments MSP430X43X Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344B – JANUARY 2002 – REVISED OCTOBER 2002
35
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Figure 11. VCC(min) Level With a Square Voltage Drop to Generate a POR/Brownout Signal
typical characteristics
VCC
0
0.5
1
1.5
2
VCC(min)
t pw
tpw – Pulse Width – µs
3 V
0.001
1
1000
tf
tr
tpw – Pulse Width – µs
tf = tr
Typical Conditions
VCC = 3 V
Figure 12. VCC(min) Level With a Triangle Voltage Drop to Generate a POR/Brownout Signal
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
SVS (supply voltage supervisor/monitor)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
t(SVSR)
dVCC/dt > 30 V/ms (see Figure 13)
5
150
µs
t(SVSR)
dVCC/dt ≤ 30 V/ms
2000
µs
td(SVSon)
SVSon, switch from VLD=0 to VLD
≠ 0, VCC = 3 V
20
150
µs
tsettle
VLD
≠ 0‡
12
µs
V(SVSstart)
VLD
≠ 0, VCC/dt ≤ 3 V/s (see Figure 13)
1.55
1.7
V
VLD = 1
70
120
155
mV
Vhys(BIT–)
VCC/dt ≤ 3 V/s (see Figure 13)
VLD = 2 .. 14
V(SVS_IT–)
x 0.004
V(SVS_IT–)
x 0.008
Vhys(B_IT–)
VCC/dt ≤ 3 V/s (see Figure 13), external voltage applied
on A7
VLD = 15
4.4
10.4
mV
VLD = 1
1.8
1.9
2.05
VLD = 2
1.94
2.1
2.25
VLD = 3
2.05
2.2
2.37
VLD = 4
2.14
2.3
2.48
VLD = 5
2.24
2.4
2.6
VLD = 6
2.33
2.5
2.71
VCC/dt ≤ 3 V/s (see Figure 13)
VLD = 7
2.46
2.65
2.86
V(SVS IT )
VCC/dt ≤ 3 V/s (see Figure 13)
VLD = 8
2.58
2.8
3
V
V(SVS_IT–)
VLD = 9
2.69
2.9
3.13
V
VLD = 10
2.83
3.05
3.29
VLD = 11
2.94
3.2
3.42
VLD = 12
3.11
3.35
3.61†
VLD = 13
3.24
3.5
3.76†
VLD = 14
3.43
3.7†
3.99†
VCC/dt ≤ 3 V/s (see Figure 13), external voltage applied
on A7
VLD = 15
1.1
1.2
1.3
ICC(SVS)
(see Note 1)
VLD
≠ 0, VCC = 2.2 V/3 V
10
15
µA
† The recommended operating voltage range is limited to 3.6 V.


Similar Part No. - MSP430X43X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X TI-MSP430X43X Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X43X TI-MSP430X43X Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X43X TI1-MSP430X43X Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430X43X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com