Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT43WS Datasheet(PDF) 1 Page - Weitron Technology

Part # BAT43WS
Description  Surface Mount Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT43WS Datasheet(HTML) 1 Page - Weitron Technology

  BAT43WS Datasheet HTML 1Page - Weitron Technology BAT43WS Datasheet HTML 2Page - Weitron Technology BAT43WS Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.weitron.com.tw
WEITRON
BAT42WS
SCHOTTKY DIODE
30VOLTS
SOD-323
1
2
BAT43WS
* Low Forward Voltage Drop
* Fast Switching
* Ultra-Small Surface Mount Package
Surface Mount Schottky Barrier Diode
* Case: SOD-323, Plastic
* Case Material-UL Flammability Rating Classification 94V-0
* Leads: Solderable per MIL-STD-202, Method 208
* Polarity: Cathode Band
* Weight: 0.004 grams(approx.)
Features:
Mechanical Data:
200mAMPERS
Unit:mm
Dim
Min
Max
A
B
C
D
E
H
J
K
1.60
1.80
1.15
1.35
0.80
1.00
0.25
0.40
0.15 REF
0.00
0.10
0.089
0.377
2.30
2.70
PIN 1.CATHODE
2.ANODE
MILLMETERS
SOD-323 Outline Demensions
Lead(Pb)-Free
P b


Similar Part No. - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43WS PANJIT-BAT43WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Shanghai Shunye Electro...
BAT43WS SHUNYE-BAT43WS Datasheet
931Kb / 2P
   SCHOTTKY DIODES
logo
Goodwork Semiconductor ...
BAT43WS GWSEMI-BAT43WS Datasheet
329Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
BAT43WS SECOS-BAT43WS Datasheet
172Kb / 2P
   0.2 AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
BAT43WS LUGUANG-BAT43WS Datasheet
291Kb / 3P
   Schottky Diodes
More results

Similar Description - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com