Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F199 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74F199
Description  8-bit parallel-access shift register
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74F199 Datasheet(HTML) 4 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors FAST Products
Product specification
74F199
8-bit parallel-access shift register
June 15, 1988
4
TYPICAL TIMING DIAGRAM
CP
CE
MR
K
J
H
L
SERIAL
INPUTS
PARALLEL
DATA
INPUTS
OUTPUTS
H
L
H
L
H
H
INHIBIT
H
H
H
H
H
L
L
L
PE
D0
D1
D2
D3
D4
D5
D6
D7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CLEAR
SERIAL SHIFT
LOAD
SERIAL SHIFT
Typical Load, Serial-Shift, Inhibit and Clear Sequences
SF00156
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
Tamb
Operating free-air temperature range
0
+70
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors
74HC1668-bit parallel-in/serial-out shift register 1 2 3 4 5 MoreNXP Semiconductors
74VHC5958-Bit Shift Register with Output Latches 1 2 3 4 5 MoreFairchild Semiconductor
DM93L28Dual 8-Bit Shift Register 1 2 3 4 5 Fairchild Semiconductor
TPIC6A595POWER LOGIC 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
CD4094BC8-Bit Shift Register/Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
HD74HC1648-bit Parallel-out Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HCS165MSRadiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register 1 2 3 4 5 MoreIntersil Corporation
DM74LS952Dual Rank 8-Bit TRI-STATE®Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
MM54C1648-Bit Parallel-Out Serial Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn