Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F199 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74F199
Description  8-bit parallel-access shift register
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F199 Datasheet(HTML) 6 Page - NXP Semiconductors

  74F199 Datasheet HTML 1Page - NXP Semiconductors 74F199 Datasheet HTML 2Page - NXP Semiconductors 74F199 Datasheet HTML 3Page - NXP Semiconductors 74F199 Datasheet HTML 4Page - NXP Semiconductors 74F199 Datasheet HTML 5Page - NXP Semiconductors 74F199 Datasheet HTML 6Page - NXP Semiconductors 74F199 Datasheet HTML 7Page - NXP Semiconductors 74F199 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors FAST Products
Product specification
74F199
8-bit parallel-access shift register
June 15, 1988
6
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
80
95
70
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform 1
5.5
6.5
8.0
9.5
11.0
12.5
4.5
3.5
12.0
13.5
ns
tPHL
Propagation delay
MR to Qn
Waveform 2
5.5
8.0
10.5
5.0
12.0
ns
AC SETUP REQUIREMENTS
SYMBOL
PARAMETER
TEST
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tS(H)
tS(L)
Setup time, High or Low
Dn to CP
Waveform 3
0.0
1.5
0.0
2.5
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
Waveform 3
2.0
4.5
2.5
5.5
ns
ts(H)
ts(L)
Setup time, High or Low
J, K to CP
Waveform 3
0.0
2.5
0.0
3.0
ns
th(H)
th(L)
Hold time, High or Low
J, K to CP
Waveform 3
0.0
3.5
0.0
4.0
ns
ts(H)
ts(L)
Setup time, High or Low
CE to CP
Waveform 3
0.0
2.5
0.0
3.0
ns
th(H)
th(L)
Hold time, High or Low
CE to CP
Waveform 3
0.0
4.5
0.0
5.5
ns
ts(H)
ts(L)
Setup time, High or Low
PE to CP
Waveform 3
8.0
8.0
9.0
9.0
ns
th(H)
th(L)
Hold time, High or Low
PE to CP
Waveform 3
0.0
0.0
0.0
0.0
ns
tw(H)
CP pulse width, High
Waveform 1
4.5
5.5
ns
tw(L)
MR pulse width, Low
Waveform 2
4.0
4.5
ns
trec
Recovery time
MR to CP
Waveform 2
5.5
6.5
ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors
74HC1668-bit parallel-in/serial-out shift register 1 2 3 4 5 MoreNXP Semiconductors
74VHC5958-Bit Shift Register with Output Latches 1 2 3 4 5 MoreFairchild Semiconductor
DM93L28Dual 8-Bit Shift Register 1 2 3 4 5 Fairchild Semiconductor
TPIC6A595POWER LOGIC 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
CD4094BC8-Bit Shift Register/Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
HD74HC1648-bit Parallel-out Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HCS165MSRadiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register 1 2 3 4 5 MoreIntersil Corporation
DM74LS952Dual Rank 8-Bit TRI-STATE®Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
MM54C1648-Bit Parallel-Out Serial Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn