Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B220 Datasheet(PDF) 2 Page - Weitron Technology

Part No. B220
Description  Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B220 Datasheet(HTML) 2 Page - Weitron Technology

  B220 Datasheet HTML 1Page - Weitron Technology B220 Datasheet HTML 2Page - Weitron Technology B220 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B220 thru B2200
http://www.weitron.com.tw
WEITRON
2/3
Rev.B 22-Oct-09
Single Phase Half Wave, 60Hz, Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
Maximum Ratingsand Electrical Characteristics
Characteristics
Symbol
Unit
V
V
V
A
A
V
mA
VRRM
VRMS
VDC
IFSM
VF
IR
30
20
40
60
80
50
0.2
5.0
0.5
15
80
50
B220 B230 B240 B250 B260 B280
B2200
200
30
20
40
60
80
50
200
21
14
28
42
56
35
140
B2100
100
100
70
B2150
150
150
105
2.0
50
0.50
0.70
0.85
0.87 0.90
Maximum Recurrent Peak Reverse Voltage
IF(AV)
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectied Current
(See Fig.1)
.375”(9.5mm) Lead Length at
Maximum Instantaneous At 2.0A DC
Peak Forward Surge Current,8.3 ms Single Half
Sine-Wave Superimposed on Rated Load (JEDEC)
Maximum DC Reverse Current @Ta = 25°C
At Rated DC BlockingVoltage @Ta = 100°C
Typical Thermal Resistance
°C
°C
-55 to +125
-55 to +150
°C/W
TSTG
StorageTemperature Range
OperatingTemperature Range
RθJA
RθJC
70
50
40
Typical Junction Capacitance
pF
CJ
TJ


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn