Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2098 Datasheet(PDF) 3 Page - Weitron Technology

Part # 2SD2098
Description  NPN Plastic-Encapsulate Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SD2098 Datasheet(HTML) 3 Page - Weitron Technology

  2SD2098 Datasheet HTML 1Page - Weitron Technology 2SD2098 Datasheet HTML 2Page - Weitron Technology 2SD2098 Datasheet HTML 3Page - Weitron Technology 2SD2098 Datasheet HTML 4Page - Weitron Technology 2SD2098 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD2098
WEITRON
http://www.weitron.com.tw
1m
2m
5m
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
,BASE TO EMITTER VOLTAGE (V)
V
,COLLECTOR TO EMITTER VOLTAGE(V)
I
,COLLECTOR CURRENT(A)
FIG.1 Grounded Emitter Propagation
Characteristics
0
1
2
3
4
5
0
0.4
0.8
1.2
1.6
2.0
FIG.2 Grounded Emitter Output
Characteristics
1m
5
10
20
50
100
200
500
1000
2000
5000
2m 5m 0.010.020.050.1 0.2 0.5 1
2
5 10
FIG.3 DC Current Gain vs.
Collector Current
5m0.01 0.02 0.05
0.2 0.5 1
2m
2
1
0.5
0.2
0.1
0.05
0.02
0.01
2
5 10
FIG.4 Collector-Emitter
Saturation Voltage vs.
Collector Current
0.1
BE
CE
C
I
,COLLECTOR CURRENT(A)
C
25 C
-25 C
V
=2V
50mA
45mA
30mA
25mA
20mA
15mA
10mA
5mA
40mA
35mA
CE
I =0mA
B
40
30
10
I /I =50
C B
V
=5V
2V
1V
CE
T =100 C
a
T =25 C
a
T =25 C
a
T =25 C
a
I ,EMITTER CURRENT(A)
E
V
,COLLECTOR TO BASE VOLTAGE(V)
CB
V
,EMITTER TO BASE VOLTAGE(V)
EB
1m 2m
5m 10m 20m 50m 0.1 0.2
0.5 1
1000
500
200
50
20
100
10
2
5
1
FIG.5 Gain Bandwidth Product vs.
Emitter Current
FIG.6 Collector Output Capacitance vs.
Collector-Base Voltage
Emitter Input Capacitance vs.
Emitter-Base Voltage
10
20
50
100
200
500
1000
0.1 0.2
0.5
1
2
5
10
20
50
V
=6V
CE
T =25 C
a
f=1MHz
I =0A
I =0A
Cob
Cib
T =25 C
a
E
C


Similar Part No. - 2SD2098

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2098 ROHM-2SD2098 Datasheet
159Kb / 4P
   Low VCE(sat) Transistor(Strobe flash)
2SD2098 ROHM-2SD2098 Datasheet
109Kb / 5P
   Low VCE(sat) transistor (strobe flash)
logo
Guangdong Kexin Industr...
2SD2098 KEXIN-2SD2098 Datasheet
37Kb / 1P
   Low VCE(sat) Transistor
logo
SeCoS Halbleitertechnol...
2SD2098 SECOS-2SD2098 Datasheet
868Kb / 3P
   NPN Silicon Epitaxial Planar Tra nsistor
logo
Shenzhen Jin Yu Semicon...
2SD2098 HTSEMI-2SD2098 Datasheet
806Kb / 3P
   Excellent DC current gain characteristics Complements the 2SB1386
More results

Similar Description - 2SD2098

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
   NPN Plastic Plastic-Encapsulate Transistor
2SD2114 SECOS-2SD2114_15 Datasheet
413Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SD2142 SECOS-2SD2142_15 Datasheet
335Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SD601A SECOS-2SD601A_15 Datasheet
58Kb / 1P
   NPN Plastic-Encapsulate Transistor
2SC2859 SECOS-2SC2859_15 Datasheet
526Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883_15 Datasheet
370Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215_15 Datasheet
195Kb / 3P
   NPN Plastic-Encapsulate Transistor
BCP3669 SECOS-BCP3669_15 Datasheet
191Kb / 2P
   NPN Plastic-Encapsulate Transistor
BC817W SECOS-BC817W_15 Datasheet
240Kb / 2P
   NPN Plastic Encapsulate Transistor
M8050T SECOS-M8050T_15 Datasheet
64Kb / 1P
   NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com