Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4617R Datasheet(PDF) 4 Page - Weitron Technology

Part # 2SC4617R
Description  NPN General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC4617R Datasheet(HTML) 4 Page - Weitron Technology

  2SC4617R Datasheet HTML 1Page - Weitron Technology 2SC4617R Datasheet HTML 2Page - Weitron Technology 2SC4617R Datasheet HTML 3Page - Weitron Technology 2SC4617R Datasheet HTML 4Page - Weitron Technology 2SC4617R Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC4617
WEITRON
http://www.weitron.com.tw
FIG.7
Collector-emitter saturation
voltage vs. collector current (
)
0.2
C O L L E C T O R C UR R E NT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC /IB=10
T a=100 C
25 C
55 C
FIG.8 Collector-emitter saturation
voltage vs. collector current (
)
C O L L E C T O R C UR R E NT : IC
(mA)
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100
IC /IB=50
T a=100 C
25 C
55 C
FIG.9 Gain bandwidth product vs.
emitter current
50
0.5
1
2
5
10
20
50
100
100
200
500
T a=25 C
V CE
=6V
E MIT T E R C UR R E NT : IE
(mA)
FIG.10
Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
C OLLE C T OR T O B AS E V OLT AG E : V CB
(V )
E MIT T E R T O B AS E V OLT AG E
: V E B
(V )
0.2
0.5
1
2
5
10
20
50
1
2
5
10
20
C ob
T a=25 C
f
=1MHz
IE
=0A
IC
=0A
C ib
FIG.11 Base-collector time constant
vs. emitter current
0.2
0.5
1
2
5
10
E MIT T E R C UR R E NT : IE
(mA)
10
20
50
100
200
T a=25 C
f=32MHZ
V CB=6V


Similar Part No. - 2SC4617R

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
2SC4617R YEASHIN-2SC4617R Datasheet
945Kb / 4P
   General Purpose Transistors NPN Silicon
logo
SHIKUES Electronics
2SC4617R SKTECHNOLGY-2SC4617R Datasheet
675Kb / 3P
   Plastic-Encapsulate Transistors
logo
AiT Semiconductor Inc.
2SC4617R AITSEMI-2SC4617R Datasheet
540Kb / 6P
   GENERAL PURPOSE TRANSISTORS NPN SILICON
REV1.0
More results

Similar Description - 2SC4617R

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com