Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5706 Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SC5706
Description  NPN EPITAXIAL PLANAR TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC5706 Datasheet(HTML) 2 Page - Weitron Technology

  2SC5706 Datasheet HTML 1Page - Weitron Technology 2SC5706 Datasheet HTML 2Page - Weitron Technology 2SC5706 Datasheet HTML 3Page - Weitron Technology 2SC5706 Datasheet HTML 4Page - Weitron Technology 2SC5706 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5706
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
BVCEO
BVCES
BVCBO
50
80
80
-
-
-
Max
-
-
-
V
V
V
Collector-Emitter Breakdown Voltage
Collector-Emitter Breakdown Voltage
Collector-Base Breakdown Voltage
IC=10µA, IE=0
IC=100µA, RBE=0
IC=1mA, RBE=∞
BVEBO
ICBO
IEBO
6
-
-
V
1
-
-
µA
1
-
-
µA
Emitter-Base Breakdown Voltage
IE=10µA, IC=0
Collector Cut-Off Current
VCB=40V, IE=0
Emitter-Cut-Off Current
VEB=4V, IC=0
ON CHARACTERISTICS(1)
DC Current Gain
VCE=2V, IC=500mA
Collector-Emitter Saturation Voltage
IC=1A, IB=50mA
IC=2A, IB=100mA
Base-Emitter Saturation Voltage
IC=2A, IB=100mA
hFE
200
-
560
-
VCE(sat)
VBE(sat)
-
-
-
-
135
240
mV
-
-
1.2
V
Note 1.Pulse Test : Pulse width < 300µs, Duty cycle ≤ 20%.
Transition Frequency
VCE=10V, IC=500
Output Capacitance
VCB=10V, f=1MHz
-
400
-
MHz
DYNAMIC CHARACTERISTICS
SWITCHING TIMES
fT
-
15
-
pF
Cob
-
35
-
ns
ton
-
300
-
tstg
-
20
-
tf
See specified test circuit (Turn-On Time)
See specified test circuit (Storage Time)
See specified test circuit (Fall Time)
WEITRON
http://www.weitron.com.tw
2/5
25-Aug-05


Similar Part No. - 2SC5706

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC5706 MOSPEC-2SC5706 Datasheet
45Kb / 2P
   POWER TRANSISTOR(5A,50V,15W)
logo
Sanyo Semicon Device
2SC5706 SANYO-2SC5706 Datasheet
40Kb / 5P
   High Current Switching Applications
2SC5706 SANYO-2SC5706 Datasheet
67Kb / 5P
   High Current Switching Applications
2SC5706 SANYO-2SC5706 Datasheet
507Kb / 10P
   High-Current Switching Applications
logo
ON Semiconductor
2SC5706 ONSEMI-2SC5706 Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SC5706

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com