Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB772 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SB772
Description  PNP/NPN Epitaxial Planar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SB772 Datasheet(HTML) 1 Page - Weitron Technology

  2SB772 Datasheet HTML 1Page - Weitron Technology 2SB772 Datasheet HTML 2Page - Weitron Technology 2SB772 Datasheet HTML 3Page - Weitron Technology 2SB772 Datasheet HTML 4Page - Weitron Technology 2SB772 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base VOltage
Collector Current (DC)
Symbol
VCEO
VCBO
VEBO
IC(DC)
PNP/2SB772
30
NPN/2SD882
Unit
Vdc
Vdc
Vdc
Adc
Rating
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= -10/10 mAdc, IB=0)
Collector-Base Breakdown Voltage (IC= -100/100 µAdc, IE=0)
Emitter-Base Breakdown Voltage (IE= -100/100 µAdc, IC=0)
Collector Cutoff Current (VCE= -30/30 Vdc, I =0)
Collector Cutoff Current (VCB= -40/40 Vdc, IE=0)
Emitter Cutoff Current (VEB= -6.0/6.0V c, I =0)
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICE0
ICBO
IEBO
-5.0/5.0
-
-
-
-
-
-
-1.0/1.0
Vdc
Vdc
Vdc
uAdc
uAdc
uAdc
2SB772
TO-126
Tstg
PD
PD
C
C
WEITRON
http://www.weitron.com.tw
PNP/NPN Epitaxial Planar Transistors
(Ta=25 C)
-40
-5.0
-3.0
40
5.0
3.0
-30
Collector Current (Pulse)
I (Pulse)
I (Pulse)
-7.0
7.0
Adc
Adc
Base Current
(1)
-0.6
0.6
Total Device Dissipation Tc=25 C
10
W
W
Junction Temperature
T j
150
Storage, Temperature
-55 to +150
Device Marking
2SB772=B772 ,
2SD882=D882
-30/30
-40/40
-1.0/1.0
-1.0/1.0
d
NOTE: 1.PW 350us, duty cycle 2%
3.BASE
2.COLLECTOR
1.EMITTER
C
B
B
C
2SD882
Total Device Disspation T =25 C
A
1.0
1
2
3


Similar Part No. - 2SB772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB772 UTC-2SB772 Datasheet
46Kb / 2P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Renesas Technology Corp
2SB772 RENESAS-2SB772 Datasheet
302Kb / 5P
   PNP SILICON POWER TRANSISTOR
logo
Nanjing International G...
2SB772 DGNJDZ-2SB772 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
logo
NEC
2SB772 NEC-2SB772 Datasheet
272Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Unisonic Technologies
2SB772 UTC-2SB772 Datasheet
203Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results

Similar Description - 2SB772

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WTM772 WEITRON-WTM772 Datasheet
206Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
WTP772 WEITRON-WTP772 Datasheet
274Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
WTS772 WEITRON-WTS772 Datasheet
237Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
2SB772 WEITRON-2SB772_07 Datasheet
716Kb / 5P
   PNP / NPN Epitaxial Planar Transistors
WTD772 WEITRON-WTD772 Datasheet
267Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
2SB776 WEITRON-2SB776 Datasheet
199Kb / 5P
   2SB776 PNP Epitaxial Planar Transistors, 2SD886 NPN Epitaxial Planar Transistors
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
   PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
   NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
   PNP/NPN Epitaxial Planar Silicon Transistors
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
   PNP/NPN Epitaxial Planar Silicon Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com