Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1037AK Datasheet(PDF) 4 Page - Weitron Technology

Part # 2SA1037AK
Description  PNP General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SA1037AK Datasheet(HTML) 4 Page - Weitron Technology

  2SA1037AK Datasheet HTML 1Page - Weitron Technology 2SA1037AK Datasheet HTML 2Page - Weitron Technology 2SA1037AK Datasheet HTML 3Page - Weitron Technology 2SA1037AK Datasheet HTML 4Page - Weitron Technology 2SA1037AK Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FIG.7 Collector-Emitter Saturation Voltage vs
Collector Current ( )
–1
–0.5
–0.2
–0.1
–0.05
20
I
C , C O L L E C T O R C U R R E NT (mA)
C B , C O L L E C T O R T O B AS E V O L T AG E (V )
V
E B , E MIT T E R T O B AS E V O L T AG E (V )
I
B
I
C
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
FIG.8 Gain Bandwidth Product vs Emitter Current
1000
500
200
100
50
I
E , E MIT T E R C U R R E NT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
/
=10
T =100 C
T =25 C
T =25 C
A
A
I =0 A
E
I =0 A
C
25 C
-40 C
V =-12V
C E
FIG. 9 Collector Output Capacitance vs Collector-Base Voltage
Emitter Input Capacitance vs Emitter-Base Voltage
10
5
2
-0.5
-1
-2
-5
-10
-20
f=1MHz
C ob
C ib
2SA1037AK
WEITRON
http://www.weitron.com.tw
A


Similar Part No. - 2SA1037AK

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1037AK ROHM-2SA1037AK Datasheet
76Kb / 3P
   General Purpose Transistor
logo
Foshan Blue Rocket Elec...
2SA1037AK FOSHAN-2SA1037AK Datasheet
722Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
logo
Rohm
2SA1037AK ROHM-2SA1037AK Datasheet
72Kb / 4P
   General Purpose Transistor
2SA1037AK ROHM-2SA1037AK Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
2SA1037AK ROHM-2SA1037AK Datasheet
88Kb / 4P
   General Purpose Transistor
More results

Similar Description - 2SA1037AK

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com