Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2SA1036K Datasheet(PDF) 1 Page - Weitron Technology

Part No. 2SA1036K
Description  PNP General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo 

2SA1036K Datasheet(HTML) 1 Page - Weitron Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.weitron.com.tw
WEITRON
SOT-23
1
2
3
2SA1036K
PNP General Purpose Transistors
Symbol
VCEO
VCBO
VEBO
Value
Unit
V
V
V
Rating
-32
-40
-5.0
mW
Tj
0.2
Device Marking
2SA1036KP=HP , 2SA1036KQ=HQ , 2SA1036KR=HR
Tstg
-55 to +150
+150
°C
°C
-500*
IC
PD
Collector Current - Continuous
*PD MAX. Must not be exceeded.
mA
Emitter-Base Voltage
Collector-Emitter Voltage
Collector-Base Voltage
MAXIMUM RATINGS(Ta=25°C)
Storage Temperature
Junction Temperature
Total Device Dissipation
TA=25°C
1/4
02-Mar-06
Lead(Pb)-Free
P b


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCX17PNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
PEMZ7NPN/PNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
BC557BPNP general purpose transistors 1 2 3 4 5 MoreNXP Semiconductors
LBC856AWT1General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreLeshan Radio Company
2N3906PNP General Purpose Transistors 1 2 3 4 Weitron Technology
MMBT2907ATPNP General Purpose Transistors 1 2 3 4 5 Weitron Technology
S9015PNP General Purpose Transistors 1 2 3 4 Weitron Technology
2N4403General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreWeitron Technology
MMBT2907AWPNP General Purpose Transistors 1 2 3 4 5 MoreWeitron Technology
2SA1020PNP General Purpose Transistors 1 2 3 4 5 Weitron Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn