Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N4403 Datasheet(PDF) 1 Page - Weitron Technology

Part No. 2N4403
Description  General Purpose Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2N4403 Datasheet(HTML) 1 Page - Weitron Technology

  2N4403 Datasheet HTML 1Page - Weitron Technology 2N4403 Datasheet HTML 2Page - Weitron Technology 2N4403 Datasheet HTML 3Page - Weitron Technology 2N4403 Datasheet HTML 4Page - Weitron Technology 2N4403 Datasheet HTML 5Page - Weitron Technology 2N4403 Datasheet HTML 6Page - Weitron Technology 2N4403 Datasheet HTML 7Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Collector Current
Symbol
VCEO
VCBO
VEBO
IC
2N4403
Unit
Vdc
Vdc
Vdc
mAdc
Rating
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= -1.0 mAdc, IB=0)
Collector-Base Breakdown Voltage (IC= -0.1 mAdc, IE=0)
Emitter-Base Breakdown Voltage (IE= -0.1 mAdc, IC=0)
Base Cutoff Current (VCB= -35 Vdc, IE=0)
Collect Cutoff Current(V
= -35 Vdc, I =0)
1. Pulse Test: Pulse Width 300 us, Duty Cycle 2.0%
<
<
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
I
-5.0
-
-
-
-
-
-0.1
Vdc
Vdc
Vdc
uAdc
uAdc
2N4403
Tstg
PD
C
C
WEITRON
http://www.weitron.com.tw
General Purpose Transistors
PNP Silicon
(Ta=25 C)
-40
-5.0
-600
-40
EMITTER
BASE
Total Device Dissipation T =25 C
-625
mW
Junction Temperature
T j
150
Storage Temperature
-55 to +150
-40
-40
-0.1
CE
B
CEO
A
TO-92
1
2
3
1. EMITTER
2. BASE
3. COLLECTOR
COLLECTOR
3
2
1
2N4403=2N4403
DEVICE MARKING
(1)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LBC856AWT1General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreLeshan Radio Company
L8550LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L9012LT1General Purpose Transistors PNP Silicon 1 2 Leshan Radio Company
ZTX214PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 4 List of Unclassifed Manufacturers
L2SA1576AT1General Purpose Transistors PNP Silicon 1 2 3 4 Leshan Radio Company
L9015LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L2SA1774T1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
LBC807-16LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
2N3702PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
2N3705PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn