Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N4403 Datasheet(PDF) 6 Page - Weitron Technology

Part No. 2N4403
Description  General Purpose Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2N4403 Datasheet(HTML) 6 Page - Weitron Technology

  2N4403 Datasheet HTML 1Page - Weitron Technology 2N4403 Datasheet HTML 2Page - Weitron Technology 2N4403 Datasheet HTML 3Page - Weitron Technology 2N4403 Datasheet HTML 4Page - Weitron Technology 2N4403 Datasheet HTML 5Page - Weitron Technology 2N4403 Datasheet HTML 6Page - Weitron Technology 2N4403 Datasheet HTML 7Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2N4403
WEITRON
http://www.weitron.com.tw
FIG. 16 "On" Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
FIG. 17 Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.0 2.0
5.0 10
20
50
0
100
0.5
0
0.5
1.0
1.5
2.0
500
TJ = 25 C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC /IB= 10
VBE(sat) @ VCE = 10 V
VC for VCE(sat)
VS for VBE
200
0.1 0.2
0.5
2.5
1.0 2.0
5.0
10
20
50 100
500
200
0.1 0.2
0.5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LBC856AWT1General Purpose Transistors PNP Silicon 1 2 3 4 5 MoreLeshan Radio Company
L8550LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L9012LT1General Purpose Transistors PNP Silicon 1 2 Leshan Radio Company
ZTX214PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS 1 2 3 4 List of Unclassifed Manufacturers
L2SA1576AT1General Purpose Transistors PNP Silicon 1 2 3 4 Leshan Radio Company
L9015LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
L2SA1774T1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
LBC807-16LT1General Purpose Transistors PNP Silicon 1 2 3 Leshan Radio Company
2N3702PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics
2N3705PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS 1 2 3 4 Micro Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn